전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AS07108PO-2-R

  • AI
    The **AS07108PO-2-R** is a high-performance, miniature loudspeaker manufactured by **PUI Audio**. It is commonly used in portable electronics, medical devices, and industrial equipment where space is limited but high-quality sound is required. --- ## 1. Technical Specifications The following table summarizes the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | PUI Audio | | **Impedance** | 8 Ohms (±15%) | | **Rated Power** | 2.0 Watts | | **Max Power** | 3.0 Watts | | **Sound Pressure Level (SPL)** | 88 dB @ 1W / 0.5M | | **Resonant Frequency (Fs)** | 500 Hz (±20%) | | **Frequency Range** | 500 Hz ~ 20,000 Hz | | **Magnet Material** | NdFeB (Neodymium) | | **Cone Material** | Paper / Cloth | | **Mounting Type** | Flange Mount / Surface | --- ## 2. Key Electronic Components & Construction ### A. Magnetic Circuit The device utilizes a **Neodymium (NdFeB)** magnet. Neodymium is preferred in electronics because it provides a much stronger magnetic field per unit of weight compared to traditional Ferrite magnets. This allows the speaker to achieve high SPL (volume) while remaining lightweight. ### B. Voice Coil The voice coil is the primary electrical component. When an AC signal (audio) passes through the coil, it creates a varying magnetic field that interacts with the permanent magnet, causing the cone to move. The 8-ohm impedance is standard for integration with most Class-D audio amplifiers. ### C. The Diaphragm (Cone) The **AS07108PO-2-R** typically uses a composite paper or treated cloth cone. This material balance provides: * **Damping:** Reduces unwanted vibrations and distortion. * **Sensitivity:** Allows the speaker to respond quickly to electrical impulses. --- ## 3. Application Use Cases Due to its 2.0W power rating and compact size, this part is ideal for: * **Handheld Scanners:** For audible feedback and alerts. * **Medical Monitors:** For heart rate beeps and vocal alarms. * **Kiosks/ATMs:** For voice guidance. * **IoT Devices:** Where high-fidelity voice output is needed in a small footprint. --- ## 4. Wiring and Integration * **Polarity:** The speaker terminals are marked (usually with a "+" or a red mark). Maintaining correct polarity is crucial when using multiple speakers to avoid "phase cancellation," which results in thin, weak sound. * **Amplifier Matching:** Ensure the audio amplifier is capable of driving an 8-ohm load at 2 Watts RMS to avoid clipping or overheating the speaker coil.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the AS07108PO-2-R speaker?
    • ⤷ Does this speaker require a specific enclosure design for optimal bass response?
    • ⤷ How does Neodymium compare to Ferrite magnets in terms of speaker longevity?