AS07708PS-2-WR-R
AI

The **AS07708PS-2-WR-R** is a high-performance miniature speaker manufactured by **PUI Audio**. It is part of their "AS" series, designed specifically for applications requiring high fidelity and moisture resistance in a compact form factor.
---
## 1. Technical Specifications
Below are the primary electrical and physical specifications for the component:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | PUI Audio |
| **Type** | Dynamic Speaker (Moving Coil) |
| **Impedance** | 8 Ohms (±15%) |
| **Power Rating (Nominal)** | 2.0 Watts |
| **Power Rating (Maximum)** | 3.0 Watts |
| **Frequency Range** | 150 Hz ~ 20,000 Hz |
| **Sound Pressure Level (SPL)** | 84 dB @ 1W/0.5M |
| **Ingress Protection** | IP67 (Waterproof/Dustproof) |
| **Termination** | Wire Leads with Connector |
---
## 2. Key Electronic Features
### A. IP67 Waterproof Rating
The "WR" in the part number denotes **Water Resistant**. The speaker features a specialized diaphragm material (typically a polymer or treated cloth) and sealed gaskets that allow it to operate even after immersion in water. This makes it ideal for outdoor or medical environments.
### B. High Power-to-Size Ratio
Despite its small footprint (77mm x 77mm frame size), it can handle up to **3 Watts** of peak power. This is achieved through a high-energy Neodymium magnet and a robust voice coil assembly.
### C. Wide Frequency Response
Unlike standard buzzers or "beepers," this is a full-range speaker. With a lower frequency limit of **150 Hz**, it is capable of reproducing human speech and music with significant clarity.
---
## 3. Physical & Connection Data
### Connector Type
The part usually comes pre-terminated with a wire harness. This simplifies assembly in production environments, removing the need for direct soldering to the speaker terminals, which can sometimes damage the delicate voice coil wires.
### Mounting
The square frame usually includes mounting holes at the corners. The "R" suffix often refers to its compliance with **RoHS** standards, ensuring no hazardous substances like lead are used in its construction.
---
## 4. Typical Applications
* **Medical Devices:** Portable monitors that require audible alarms that can be sanitized/washed.
* **Outdoor Kiosks:** Intercoms or ticketing machines exposed to rain and dust.
* **Marine Electronics:** Dashboard alerts for boats or jet skis.
* **Industrial Controls:** Panels in wash-down environments (food processing).
- ⤷
What are the mounting dimensions and hole patterns for the AS07708PS-2-WR-R?
- ⤷ Can this speaker be driven directly by a microcontroller like an Arduino?
- ⤷ What is the recommended enclosure volume for optimal bass response?