AS20-R27K-RC
AI

The **AS20-R27K-RC** is an electronic component known as a **Fixed Inductor** (specifically a Conformal Coated Inductor). It belongs to the **AS20 Series**, which are typically used for general-purpose signal processing and power management in electronic circuits.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.27 µH (Microhenries) |
| **Tolerance** | ±10% (Indicated by 'K') |
| **Core Material** | Phenolic or Ferrite (depending on specific frequency needs) |
| **Mounting Type** | Through-Hole (Axial Leads) |
| **Coating** | Epoxy/Conformal Coated (Green/Blue insulation) |
| **RoHS Status** | Compliant (Indicated by '-RC') |
---
### 2. Breakdown of the Part Number
Understanding the code helps in identifying replacements or similar parts:
* **AS20**: The Series name, defining the physical dimensions (usually 2.5mm x 6.5mm approx).
* **R27**: The Inductance value. "R" acts as a decimal point. $0.27$ units.
* **K**: Tolerance code. $K = \pm10\%$.
* **RC**: RoHS Compliant (Lead-free).
---
### 3. Electronic Functions and Applications
Inductors like the AS20-R27K-RC are passive components that store energy in a magnetic field. Their primary roles include:
* **Filtering:** Used in low-pass filters to remove high-frequency noise from a signal or power line.
* **Decoupling:** Prevents unwanted AC signals from affecting DC power supplies.
* **Oscillation:** Used in LC circuits for radio frequency (RF) tuning.
* **Common Applications:**
* Consumer electronics (TVs, Radios).
* Telecommunication equipment.
* Computer peripherals and motherboards.
---
### 4. Comparison with Standard Resistors
Visually, these parts look very similar to resistors (color-coded bands). However, their function is entirely different:
| Feature | Inductor (AS20) | Resistor |
| :--- | :--- | :--- |
| **Primary Unit** | Henry (H) | Ohm (Ω) |
| **Energy Action** | Stores energy in Magnetic Field | Dissipates energy as Heat |
| **DC Resistance** | Very Low (Ideally 0) | Fixed Value |
- ⤷
What are the physical dimensions of the AS20 series package?
- ⤷ How do I read the color bands on an axial inductor?
- ⤷ What is the maximum current rating for the 0.27uH AS20 inductor?