AS30-R10K-RC
AI

The **AS30-R10K-RC** is a precision rotary potentiometer manufactured by **Bourns**. It is part of the AS series, designed for high-reliability applications where precise control and a long rotational life are required.
---
### ## Technical Specifications
Below are the primary electrical and mechanical characteristics for the AS30-R10K-RC:
| Feature | Specification |
| :--- | :--- |
| **Resistance Value** | 10k Ohms (indicated by "10K") |
| **Resistance Tolerance** | ±10% or ±20% (Standard) |
| **Power Rating** | 0.2 Watts |
| **Rotational Life** | Up to 100,000 cycles |
| **Operating Temperature** | -40°C to +125°C |
| **Termination Style** | PC Pins (Through-hole mounting) |
| **RoHS Status** | Compliant (indicated by "RC") |
---
### ## Key Components & Design
#### 1. Resistive Element
The part uses a **Conductive Plastic** element. Unlike carbon film, conductive plastic provides a much smoother output, lower noise during rotation, and a significantly longer operational life, making it suitable for industrial sensors.
#### 2. The "RC" Suffix
In Bourns nomenclature, **RC** stands for **RoHS Compliant**. This indicates that the component is manufactured without lead or other restricted hazardous substances, meeting international environmental standards.
#### 3. Mechanical Interface
* **Rotary Action:** It features a continuous or limited turn (depending on the specific sub-model) to adjust the voltage divider ratio.
* **Form Factor:** The AS30 series typically features a 9mm or 12mm square body designed for space-constrained PCB layouts.
---
### ## Common Applications
The AS30-R10K-RC is frequently found in professional-grade equipment, including:
* **Medical Equipment:** Precise adjustment of parameters in diagnostic tools.
* **Industrial Controls:** Calibration of sensors or set-point adjustments.
* **Professional Audio:** High-end mixing consoles where durability and low noise are critical.
* **Test & Measurement:** Used as a user-interface knob for high-precision laboratory gear.
---
### ## Part Number Breakdown
* **AS30:** Series designation (Conductive Plastic Potentiometer).
* **R:** Terminal or Taper style (typically Linear for this series).
* **10K:** Resistance value (10,000 Ohms).
* **RC:** RoHS Compliant.
- ⤷
What is the difference between conductive plastic and carbon elements in potentiometers?
- ⤷ Can the AS30-R10K-RC be used for panel mounting or only PCB mounting?
- ⤷ What are the footprint dimensions for the PC pins on this model?