전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AS30-R12K-RC

  • AI
    The **AS30-R12K-RC** is a precision thin-film chip resistor. These components are designed for applications requiring high stability, low noise, and tight tolerances, often used in medical, automotive, and industrial electronics. --- ### 1. Technical Specifications The part number typically follows a standardized nomenclature. Below are the core technical parameters for this component: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 12 kΩ (12,000 Ohms) | | **Tolerance** | ±0.05% to ±0.1% (Ultra-precision) | | **Power Rating** | 0.1W to 0.25W (Package dependent) | | **Temperature Coefficient (TCR)** | ±10 ppm/°C to ±25 ppm/°C | | **Operating Temperature** | -55°C to +155°C | | **Technology** | Thin Film (Metal Oxide/Nitride) | | **RoHS Status** | Compliant (RC suffix usually indicates RoHS) | --- ### 2. Key Internal Components & Materials Unlike standard thick-film resistors (which use a paste), thin-film resistors like the AS30-R12K-RC are constructed with high-grade materials for performance: 1. **Substrate:** Usually high-purity **Alumina (Al₂O₃)** ceramic, providing excellent thermal dissipation and electrical insulation. 2. **Resistive Layer:** A thin layer of **Nichrome (NiCr)** or Tantalum Nitride sputtered onto the substrate. This allows for the high precision and low noise characteristics. 3. **Terminations:** Multi-layer construction consisting of an internal electrode, a nickel barrier (to prevent leaching during soldering), and a tin (Sn) finish for solderability. 4. **Protective Coating:** An epoxy or glass overcoat that protects the resistive element from moisture and mechanical damage. --- ### 3. Comparison: Thin Film vs. Thick Film It is important to understand why the "AS30" (Thin Film) series is chosen over standard resistors: | Feature | Thin Film (AS30-R12K-RC) | Thick Film (Standard) | | :--- | :--- | :--- | | **Precision** | Very High (0.01% - 0.1%) | Moderate (1% - 5%) | | **Stability** | Excellent over time/temp | Lower stability | | **Noise** | Very Low | Higher current noise | | **Cost** | Higher | Lower | --- ### 4. Common Applications Due to its 12kΩ value and high precision, this part is frequently found in: * **Instrumentation:** Signal conditioning circuits and bridge networks. * **Medical Equipment:** Monitoring devices where signal integrity is critical. * **Audio Equipment:** High-end DACs (Digital-to-Analog Converters) where low thermal noise is required. * **Automotive ECU:** Sensors and control units requiring long-term reliability.
    ✨ Follow-up Questions
    • What are the physical dimensions or SMD package size for the AS30 series?
    • How does the TCR (Temperature Coefficient) impact the performance of this resistor in outdoor environments?
    • Can this resistor be used in high-frequency RF applications?