전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AS3953_07

  • AI
    The **AS3953** is an NFC-to-SPI interface IC (often referred to as an NFC Interface Tag or Dynamic NFC Tag) developed by ams (now ams OSRAM). It acts as a bridge between an NFC/RFID field and a microcontroller (MCU). --- ## 1. Core Specifications and Features The AS3953 is designed to provide high-speed communication between an ISO 14443A reader and a peripheral device via an SPI interface. | Feature | Specification | | :--- | :--- | | **NFC Standard** | ISO/IEC 14443A (Level 4 compliant) | | **Data Rates** | Up to 848 kbps | | **Host Interface** | SPI (Slave) | | **Operating Voltage** | 1.65V to 3.6V | | **Internal Memory** | No internal EEPROM (uses external host or 1KB internal RAM buffer) | | **Energy Harvesting** | Provides regulated power from the RF field (up to 5mA at 3V) | --- ## 2. Functional Blocks The chip consists of several key electronic subsystems that manage the transition from RF signals to digital data: ### A. The Analog Front-End (AFE) * **Antenna Pins (LC):** Connects directly to a loop antenna. It requires a resonant circuit tuned to 13.56 MHz. * **Rectifier:** Converts the induced AC voltage from the RF field into a DC voltage. * **Regulator (LDO):** Powers the internal logic and can provide surplus energy to an external MCU (Energy Harvesting). ### B. Digital Logic and Buffers * **Framing Engine:** Handles the modulation and demodulation of the ISO 14443A protocol automatically. * **FIFO Buffer:** A 32-byte buffer that stores data incoming from the RF field or outgoing from the SPI to ensure smooth data transfer without timing errors. ### C. The SPI Interface * The AS3953 acts as a **Slave** device. * It allows the microcontroller to access the internal registers, read status flags, and exchange data with the NFC reader. --- ## 3. Typical Application Schematic Components To integrate the AS3953 into a circuit, the following electronic components are typically required: 1. **Inductive Antenna:** A PCB trace or wire coil antenna. 2. **Resonant Capacitors:** Connected across the antenna pins to tune the circuit to 13.56 MHz. 3. **VDC_RF Decoupling:** A capacitor (typically 1µF) to stabilize the harvested voltage. 4. **IRQ Pin:** A critical connection to the MCU that signals when data is ready or an RF field is detected. --- ## 4. Key Advantages * **Zero-Power Standby:** The chip can "wake up" the main microcontroller only when an NFC field is detected, drastically saving battery life. * **High Speed:** Unlike standard NFC tags (which often peak at 106 kbps), the AS3953 supports bit rates up to 848 kbps, making it suitable for firmware updates over NFC. * **Passive Operation:** It can function entirely without a battery, powered by the smartphone or reader device. ---
    ✨ Follow-up Questions
    • ⤷ How does the energy harvesting feature calculate the available output current?
    • ⤷ What are the specific requirements for tuning the 13.56 MHz antenna for the AS3953?
    • ⤷ How does the AS3953 handle ISO 14443A anti-collision protocols?