전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AS4CT-S55-R

  • AI
    The **AS4CT-S55-R** is a specific surface-mount electronic component, typically identified as a **transient voltage suppressor (TVS)** or a similar protection diode manufactured by brands like **Comchip Technology**. These components are designed to protect sensitive electronics from voltage spikes and electrostatic discharge (ESD). --- ## 1. Technical Specifications Below is a breakdown of the typical electronic characteristics for this part: | Parameter | Specification | | :--- | :--- | | **Component Type** | TVS Diode (Transient Voltage Suppressor) | | **Package / Case** | SOD-523 (Small Outline Diode) | | **Polarity** | Unidirectional / Bidirectional (Depends on variant) | | **Peak Pulse Power** | ~150W to 200W (at 8/20μs) | | **Reverse Standoff Voltage ($V_{RWM}$)** | 5.0V (Typical for "S5" series) | | **Breakdown Voltage ($V_{BR}$)** | 6.0V - 7.0V | | **Clamping Voltage ($V_C$)$** | ~9.8V | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ## 2. Key Features & Functions ### Protection Mechanism The AS4CT-S55-R acts like a high-speed "safety valve." When the voltage across it exceeds its breakdown threshold, it becomes conductive and shunts the excess current to the ground, preventing the spike from reaching and damaging integrated circuits (ICs). ### Physical Characteristics * **SOD-523 Package:** This is an ultra-miniature plastic package. It is ideal for high-density circuit boards where space is at a premium (e.g., smartphones, tablets). * **RoHS Compliant:** The "R" suffix usually denotes compliance with environmental standards regarding hazardous substances (Lead-free). ### Fast Response Time These diodes feature response times in the **picosecond** range ($< 1ns$), which is necessary to combat Electrostatic Discharge (ESD) events that happen almost instantaneously. --- ## 3. Common Applications Due to its small size and voltage rating, this part is commonly used in: * **USB Ports:** Protecting data lines from static when plugging/unplugging devices. * **Mobile Handsets:** Protecting sensitive touch-screen controllers or audio jacks. * **Low-Voltage Data Lines:** Protection for $I^2C$, UART, or SPI communication buses. * **Portable Electronics:** Digital cameras, MP3 players, and wearable tech. --- ## 4. Typical Circuit Integration In a standard circuit, the device is placed in parallel with the signal line: ```text [Input Signal] ----+---- [Protected IC] | [TVS Diode] (AS4CT-S55-R) | [Ground] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum peak pulse current (Ipp) for the AS4CT-S55-R?
    • ⤷ How does the SOD-523 package compare to the SOD-323 in terms of footprint?
    • ⤷ Can this part be used for AC power line protection?