전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ASM3P2853_12

  • AI
    ## Understanding the ASM3P2853 (ON Semiconductor) The **ASM3P2853** is a low-power, spread-spectrum clock generator (SSCG) designed specifically to reduce **Electromagnetic Interference (EMI)** at the source. It is commonly used in digital systems where high-speed clocks create unwanted radio frequency noise. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Frequency Range** | 10 MHz to 30 MHz | | **Output Frequency** | Equal to Input (1x) | | **Supply Voltage (VDD)** | 2.5V to 3.3V (± 10%) | | **Modulation Rate** | 30 kHz to 60 kHz | | **Operating Temperature** | 0°C to +70°C (Commercial) | | **Package Type** | 8-pin SOIC or TSSOP | --- ### 2. Core Functional Parts The internal architecture of the ASM3P2853 consists of several critical electronic stages: 1. **Phase-Locked Loop (PLL):** The heart of the chip. It takes the reference input clock and generates a stabilized high-frequency signal. 2. **Modulation Logic:** This circuit varies the PLL output frequency slightly over time. By "spreading" the energy of a single sharp clock frequency across a wider band, the peak EMI decibels (dB) are significantly lowered. 3. **Spread Spectrum Selection (S0/S1 Pins):** These digital input pins allow the user to select the "spread" percentage (e.g., ±0.5% or ±1.5%). 4. **Output Buffer:** Drives the resulting spread-spectrum clock signal to external components (like a CPU or FPGA) while maintaining signal integrity. --- ### 3. Pin Configuration (8-Pin SOIC) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **XIN/CLKIN** | Crystal connection or external reference clock input. | | 2 | **XOUT** | Crystal connection (leave floating if using external clock). | | 3 | **S0** | Spread selection bit (Digital Input). | | 4 | **GND** | Ground. | | 5 | **CLKOUT** | Modulated clock output (Spread Spectrum). | | 6 | **VDD** | Power supply (2.5V - 3.3V). | | 7 | **S1** | Spread selection bit (Digital Input). | | 8 | **ModOUT** | Modulation rate output (in some variants). | --- ### 4. Application Use Cases * **Laptops/Tablets:** Reducing noise in high-density PCB layouts. * **Printers:** Meeting FCC/CE emissions standards without expensive shielding. * **Networking Gear:** Smoothing out clock spikes in routers and switches. --- ### 5. Simple Selection Logic Example The amount of EMI reduction depends on the state of the S0 and S1 pins. For example: ```text S1 | S0 | Modulation (Spread) ---|----|------------------- 0 | 0 | ± 0.5% 0 | 1 | ± 0.9% 1 | 0 | ± 1.3% 1 | 1 | ± 2.0% ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Center Spread and Down Spread modulation in this chip?
    • ⤷ How do I calculate the decibel (dB) reduction in EMI when using the ASM3P2853?
    • ⤷ Can this chip be used with a 5V power supply?