전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ASPI-2510-R68

  • AI
    The **ASPI-2510-R68** is a high-performance, surface-mount (SMD) power inductor manufactured by **Abracon**. It is specifically designed for high-density applications where space is limited and power efficiency is critical. --- ## 1. Core Technical Specifications The part number follows a specific nomenclature. Here is the breakdown of its physical and electrical characteristics: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.68 µH (indicated by "R68") | | **Tolerance** | ±30% (standard for this series) | | **Case Size** | 2.5 x 2.0 x 1.0 mm (LxWxH) | | **DC Resistance (DCR)** | Max 31 mΩ | | **Saturation Current (Isat)** | 4.10 A | | **Temperature Rise Current (Irms)** | 3.50 A | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Features and Construction The ASPI-2510 series is engineered to provide superior performance compared to standard wire-wound or multilayer inductors: * **Shielded Construction:** It features a magnetic shielding structure which minimizes Electromagnetic Interference (EMI), making it safe for use near sensitive circuits. * **Low Profile:** With a height of only 1.0 mm, it is ideal for ultra-thin consumer electronics. * **High Power Density:** Capable of handling relatively high currents (over 4A) despite its tiny footprint. * **Material:** It typically utilizes a metal alloy powder core, which offers a "soft" saturation characteristic (it doesn't lose inductance abruptly as current increases). --- ## 3. Typical Applications The R68 (0.68 µH) value is commonly used in high-frequency switching power supplies. 1. **DC-DC Converters:** Used as an energy storage element in buck/boost converters. 2. **Mobile Devices:** Found in smartphones, tablets, and wearables due to the small 2520 footprint. 3. **SSD & Flash Storage:** Powering the controllers in high-speed storage drives. 4. **IoT Modules:** Providing stable power in compact, battery-operated sensors. --- ## 4. Soldering & Layout Recommendations When integrating this part into a PCB design, follow these guidelines: ```markdown 1. Land Pattern: Ensure pads are approximately 2.0mm wide to match the component terminals. 2. Heat Dissipation: Since Irms is 3.5A, use wide copper traces to help dissipate heat. 3. Proximity: Place the inductor as close to the switching IC as possible to reduce the "hot loop" area. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Irms for this inductor?
    • ⤷ Can you provide a footprint recommendation for the 2520 metric size?
    • ⤷ What are the common alternatives if the R68 value is out of stock?