AI

The **ASX03604-R** is a high-quality, miniature surface-mount (SMD) speaker manufactured by **PUI Audio**. It is specifically designed for space-constrained applications that require clear audio output, such as handheld devices, medical instruments, and IoT hardware.
---
## 1. Key Technical Specifications
The following table outlines the core electrical and physical parameters of the ASX03604-R:
| Parameter | Specification |
| :--- | :--- |
| **Impedance** | 4 Ohms (±15%) |
| **Rated Power Input** | 0.5 Watts |
| **Maximum Power Input** | 0.8 Watts |
| **Frequency Range** | 600 Hz ~ 20,000 Hz |
| **Sound Pressure Level (SPL)** | 85 dB ± 3dB @ 0.1W/0.1M |
| **Resonant Frequency (Fo)** | 600 Hz ± 20% |
| **Mounting Type** | Surface Mount (SMT) |
| **Weight** | ~1.5 Grams |
---
## 2. Construction and Materials
The ASX03604-R is built using materials optimized for durability and high-temperature soldering processes:
* **Magnet Material:** Neodymium (NdFeB). This allows for a very strong magnetic field in a small footprint, increasing efficiency.
* **Diaphragm/Cone:** Polyetherimide (PEI). This material is chosen for its thermal stability and consistent acoustic performance.
* **Housing:** High-temperature plastic, designed to withstand reflow soldering temperatures.
* **Terminals:** Gold-plated pads to ensure excellent conductivity and corrosion resistance.
---
## 3. Notable Features
### A. Compact Footprint
With dimensions of approximately **11mm x 15mm**, it is one of the smaller high-performance speakers available. Its low profile makes it ideal for slim electronics.
### B. SMT Compatibility
Unlike traditional speakers that require hand-soldering or wire leads, the ASX03604-R is designed for **pick-and-place** machines. It can be soldered alongside other SMD components (resistors, ICs) in a standard reflow oven.
### C. Broad Frequency Response
While it is a miniature speaker, it maintains a wide frequency range (up to 20kHz), making it suitable not just for simple beeps, but for clear voice prompts and melodic notifications.
---
## 4. Typical Applications
* **Medical Devices:** Portable heart rate monitors or glucose meters requiring audible alerts.
* **Smart Home / IoT:** Thermostats, security panels, and smart locks.
* **Handheld Scanners:** Barcode scanners or mobile POS terminals.
* **Consumer Electronics:** Wearables and compact Bluetooth accessories.
- ⤷
What are the recommended reflow soldering profiles for the ASX03604-R?
- ⤷ How does the 4-Ohm impedance affect the choice of audio amplifier for this part?
- ⤷ Are there waterproof versions (IP rated) of this specific PUI Audio speaker?