전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AT45DB081B-RU

  • AI
    ## Overview of the AT45DB081B-RU The **AT45DB081B-RU** is a legacy high-speed serial-interface Flash memory chip, specifically a **DataFlash** integrated circuit developed by Adesto Technologies (originally Atmel). It provides 8 Megabits (1 Megabyte) of memory storage. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 8 Megabits (1,048,576 bytes) | | **Organization** | 4,096 pages (264 bytes per page) | | **Interface** | Serial (SPI Compatible) | | **Operating Voltage** | 2.7V to 3.6V | | **Clock Frequency** | Up to 20 MHz | | **Package Type** | 28-lead SOIC (indicated by the "RU" suffix) | | **Current Consumption** | 4mA (Active Read), 2µA (Standby) | --- ### 2. Internal Architecture & Components The device is unique compared to standard "NOR" flash due to its **SRAM Buffers**. * **Main Memory:** Consists of 4,096 pages. Each page is 264 bytes (256 bytes + 8 extra bytes for error correction or metadata). * **SRAM Data Buffers:** It contains two 264-byte SRAM buffers. This allows for: * **Continuous Programming:** You can write data to one buffer while the other buffer is transferring data to the main memory. * **Efficient Updates:** You can read a page into a buffer, modify only a few bytes, and write it back. * **Instruction Logic:** A command-driven interface where the host MCU sends OpCodes (e.g., `0x52` for Block Erase) via the SPI bus. --- ### 3. Pin Configuration (28-lead SOIC) The "RU" suffix refers to the physical package. Key pins include: 1. **SI (Serial Input):** Data input for commands and data. 2. **SO (Serial Output):** Data output from the memory. 3. **SCK (Serial Clock):** Controls the timing of data transfer. 4. **CS (Chip Select):** Activates the device when pulled low. 5. **W/WP (Write Protect):** Hardware protection for the first 256 pages. 6. **RESET:** Hardware reset to terminate internal operations. 7. **RDY/BUSY:** A status output pin that signals if the chip is busy processing a write/erase cycle. --- ### 4. Applications Because of its page-based architecture and internal buffers, this chip was widely used for: * **Digital Voice Storage:** Storing audio clips in toys or answering machines. * **Data Logging:** Storing sensor data over long periods. * **Firmware Storage:** Storing the boot code for microcontrollers. * **Image Storage:** Storing small icons or bitmaps for embedded displays. --- ### 5. Status Note The **AT45DB081B** is considered an **obsolete/EOL (End of Life)** part. It has been succeeded by newer generations like the AT45DB081D and AT45DB081E, which offer higher clock speeds (up to 85MHz) and wider voltage ranges.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AT45DB081B and the newer AT45DB081E?
    • ⤷ How do the dual SRAM buffers improve write performance in this chip?
    • ⤷ Can this chip be interfaced directly with a 5V microcontroller?