전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AT80C51RA2-RLSIV

  • AI
    ### Overview of the AT80C51RA2-RLSIV The **AT80C51RA2-RLSIV** is a high-performance CMOS 8-bit microcontroller based on the classic 8051 architecture. It is designed by Microchip (formerly Atmel) to provide a high-speed, low-power solution for embedded systems requiring extended memory and flexible peripheral sets. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Architecture** | 8-bit 80C51 Core | | **Operating Voltage** | 2.7V to 5.5V | | **Maximum Frequency** | 40 MHz (at 5V) | | **On-Chip RAM** | 512 Bytes (256 internal + 256 XRAM) | | **Program Memory** | 8KB ROM (OTP or Masked depending on variant) | | **I/O Pins** | 32 Programmable I/O Lines | | **Timers** | Three 16-bit Timer/Counters | | **Package Type** | VQFP-44 (indicated by the "RL" suffix) | --- ### Key Electronic Components & Subsystems #### 1. The CPU Core (X2 Mode) One of the defining features of this part is the **X2 mode**. While standard 8051 controllers use 12 clock cycles per instruction, this chip can be configured to use only 6 clock cycles. This effectively doubles the performance at the same crystal frequency or allows for lower power consumption by halving the clock speed while maintaining the same throughput. #### 2. Memory Organization * **Internal Data RAM:** 256 bytes of standard 8051 RAM. * **Expanded RAM (XRAM):** An additional 256 bytes of on-chip RAM accessed via the `MOVX` instruction, useful for storing variables without needing external memory chips. * **Dual Data Pointers (DPTR):** Includes two data pointers to accelerate memory-to-memory data transfers. #### 3. Peripherals and Connectivity * **Programmable Counter Array (PCA):** Contains five 16-bit modules capable of: * PWM (Pulse Width Modulation) output. * Capture/Compare functions. * Watchdog Timer capabilities. * **UART:** A full-duplex enhanced UART with baud rate generator and framing error detection. * **SPI Interface:** A Master/Slave Serial Peripheral Interface for high-speed communication with sensors or memory. #### 4. Power Management The chip includes two software-selectable power reduction modes: * **Idle Mode:** CPU freezes but peripherals and interrupt system remain active. * **Power-down Mode:** RAM contents are saved, but the oscillator is stopped, reducing current consumption to the micro-amp range. --- ### Part Number Breakdown (AT80C51RA2-RLSIV) | Code | Meaning | | :--- | :--- | | **AT80C51** | Atmel 8051 Series Architecture | | **RA2** | 8KB ROM / 512B RAM Configuration | | **RL** | VQFP-44 Package | | **S** | Green (Lead-Free / Halogen-Free) | | **I** | Industrial Temperature Range (-40°C to +85°C) | | **V** | 2.7V to 5.5V Operating Range | --- ### Typical Applications * Industrial control systems. * Automotive body electronics. * Legacy 8051 system upgrades. * Sensor nodes requiring SPI/UART communication.
    ✨ Follow-up Questions
    • ⤷ How does the X2 mode impact power consumption compared to standard 8051 operation?
    • ⤷ What are the primary differences between the RA2
    • ⤷ RB2
    • ⤷ and RC2 variants?
    • ⤷ Can this microcontroller be programmed in-system (ISP) via the SPI interface?