전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AT83C23OKXXX-RATIM

  • AI
    The **AT83C23OKXXX-RATIM** is a specialized integrated circuit manufactured by Microchip (formerly Atmel). It belongs to the family of **Smart Card Reader Interface** ICs, specifically designed to handle the communication between a host microcontroller and a smart card (ISO 7816). --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Smart Card Interface / Level Shifter | | **Package Type** | VQFP-32 (32-pin Variable Quad Flat Pack) | | **Supply Voltage (Vcc)** | 2.85V to 5.4V | | **Smart Card Voltages** | 1.8V, 3V, or 5V (Class A, B, and C) | | **Communication** | ISO 7816-3 compatible | | **Temperature Range** | -40°C to +85°C (Industrial) | --- ### 2. Core Functional Components The chip acts as a bridge, ensuring that the voltage levels and data signals are synchronized between a system's MCU and a physical smart card. * **DC-DC Converter (Step-up/down):** This part generates the precise voltage needed for the smart card (1.8V, 3V, or 5V) regardless of the main system supply. * **Level Shifters:** Because microcontrollers often run at lower voltages (like 1.8V) than older smart cards (5V), these circuits translate the logic levels safely. * **Card Detection Logic:** It includes circuitry to detect when a card is physically inserted or removed, triggering an automatic "cold reset" or power-down sequence to prevent damage. * **Protection Circuitry:** Features short-circuit protection and thermal protection to prevent the chip from burning out if a faulty card is inserted. --- ### 3. Application Use Cases This part is commonly found in electronic devices that require secure identity verification or payment processing: 1. **Point of Sale (POS) Terminals:** Reading credit and debit cards. 2. **Set-Top Boxes:** For conditional access cards in satellite or cable TV. 3. **Access Control:** Corporate ID badge readers. 4. **Identity Readers:** Devices used for electronic passports or national ID cards. --- ### 4. Part Number Breakdown The "XXX" in the part number often indicates a specific **firmware or customer-specific ROM code** pre-programmed into the device at the factory. * **RATIM:** This suffix usually refers to the packaging format (Tape and Reel) and the lead-free/green compliance status of the materials. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Class A
    • ⤷ B
    • ⤷ and C smart cards supported by this chip?
    • ⤷ How does the automatic power-down sequence protect the smart card?
    • ⤷ What are the pinout differences between the VQFP-32 and other package versions?