전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATCA-R6905

  • AI
    ## Overview of the ATCA-R6905 The **ATCA-R6905** is a high-performance Rear Transition Module (RTM) designed specifically for Advanced Telecommunications Computing Architecture (ATCA) systems. It is typically paired with a front-end processor blade (such as the Radisys ATCA-4500 series) to provide extensive I/O connectivity and storage expansion. --- ### Core Electronic Components and Subsystems The internal architecture of the ATCA-R6905 focuses on high-speed data routing and physical interface conversion. | Component Type | Description | Specifications / Features | | :--- | :--- | :--- | | **Storage Interfaces** | SAS/SATA Controllers | Supports dual 2.5" hot-swappable SAS or SATA hard drives/SSDs. | | **Network I/O** | Ethernet PHYs | Provides 10GbE (SFP+) and 1GbE (RJ45) connectivity options. | | **Serial Management** | UART to USB/RJ45 | Console access for system debugging and blade management. | | **PCIe Bridge** | Signal Extension | Extends the PCIe bus from the front blade to the RTM for high-speed I/O. | | **Power Modules** | DC-DC Converters | Converts -48V ATCA backplane power to localized voltages (12V, 5V, 3.3V). | --- ### Key Connectivity Features The electronic design is optimized for the **Zone 3** connector, which is the standardized interface between an ATCA front board and the RTM. 1. **High-Speed Serial Links:** * Utilizes differential signaling to maintain integrity for 10Gbps Ethernet and 6Gbps SAS signals. 2. **Management Subsystem (IPMI):** * Contains an **Intelligent Platform Management Interface (IPMI)** controller that communicates with the Shelf Manager. * Monitors thermal sensors and voltage rails to ensure hardware health. 3. **Hot-Swap Circuitry:** * Includes specialized "Blue LED" logic and handle switches to allow the module to be replaced without powering down the entire chassis. --- ### Technical Specifications Summary | Feature | Details | | :--- | :--- | | **Form Factor** | 8U ATCA Rear Transition Module | | **Storage** | 2x SFF (Small Form Factor) Drive Bays | | **Network Ports** | 2x 10GbE SFP+, 2x 1GbE RJ45 | | **USB** | 2x USB 2.0/3.0 Ports for peripherals | | **Compliance** | PICMG 3.0 R2.0, PICMG 3.1 | --- ### Typical Usage Scenario (Code Representation) If you were configuring the network interfaces via a Linux-based front blade, the hardware would manifest as follows: ```bash # Identifying the 10GbE interfaces provided by the RTM lspci | grep -i ethernet # Output: 04:00.0 Ethernet controller: Intel Corporation 82599ES 10-Gigabit SFI/SFP+ # Checking the SAS storage attached via RTM lsblk # Output: sda 8:0 0 465.8G 0 disk (SAS Drive 1) ```
    ✨ Follow-up Questions
    • ⤷ Which front-end processor blades are most compatible with the ATCA-R6905?
    • ⤷ What are the specific power consumption requirements for this RTM?
    • ⤷ Does the ATCA-R6905 support hardware RAID for the dual SAS drives?