전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATR2740-RQHH

  • AI
    The **ATR2740-RQHH** is a high-performance, highly integrated **DAB (Digital Audio Broadcasting) Radio Tuner IC**, originally developed by Atmel (now part of Microchip Technology). It is specifically designed for digital radio applications in automotive and high-end consumer electronics. --- ## 1. Core Technical Specifications The ATR2740 is a "one-chip" solution for processing broadcast signals. Below are its primary technical attributes: | Parameter | Specification | | :--- | :--- | | **Function** | Digital Radio Tuner (DAB/DMB) | | **Frequency Bands** | VHF Band III (174–240 MHz) and L-Band (1452–1492 MHz) | | **Package Type** | VQFN48 (7mm x 7mm) | | **Operating Voltage** | 3.0V to 3.6V | | **Interface** | I2C or SPI (for control) | | **Architecture** | Low-IF (Intermediate Frequency) | --- ## 2. Key Electronic Features ### A. Integrated RF Frontend The chip integrates a complete RF frontend, meaning it contains the necessary Low Noise Amplifiers (LNAs) and Mixers to handle weak radio signals directly from the antenna. This minimizes the need for external filtering components (SAW filters). ### B. Dual-Band Support It is capable of switching between two major digital radio frequencies: * **VHF Band III:** Standard for DAB in Europe and Australia. * **L-Band:** Used in specific regions for digital broadcasting and satellite services. ### C. On-Chip Fractional-N Synthesizer The device includes a high-resolution synthesizer that allows for precise tuning. Because it uses a fractional-N architecture, it provides faster locking times and lower phase noise, which is critical for maintaining high-quality digital audio without drops. ### D. Automatic Gain Control (AGC) The ATR2740 features wide-range AGC circuits. This ensures that the signal remains stable even when the vehicle is moving at high speeds or passing through areas with varying signal strengths (e.g., tunnels or urban canyons). --- ## 3. Typical Application Circuit Components To build a functional radio module using the ATR2740-RQHH, the following peripheral electronic parts are usually required: 1. **Crystal Oscillator:** A reference clock (typically around 24.576 MHz or 19.2 MHz) to drive the internal PLL. 2. **External LNA (Optional):** While it has an internal LNA, automotive designs often use an additional external LNA for better sensitivity. 3. **Decoupling Capacitors:** Essential near the power pins to filter out high-frequency noise. 4. **Baseband Processor:** The ATR2740 outputs an analog or digital IF signal; a separate decoder (like a DSP or dedicated DAB processor) is required to turn that signal into audio. --- ## 4. Part Number Breakdown (ATR2740-RQHH) * **ATR2740:** The base model/family identifier (DAB Tuner). * **RQ:** Indicates the package style (VQFN - Very Thin Quad Flat No-lead). * **HH:** Usually refers to the specific packing format (e.g., Tape and Reel) or a specific lead-free/green material revision.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the ATR2740 during active tuning?
    • ⤷ Which baseband decoders are most compatible with the ATR2740 IF output?
    • ⤷ How does the ATR2740 compare to its successor in the Microchip/Atmel DAB lineup?