ATS-01B-29-C2-R0
AI

The **ATS-01B-29-C2-R0** is a specific high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "blueICE" series, designed for cooling electronic components such as CPUs, GPUs, and high-power chipsets.
---
## 1. Technical Specifications
The following table outlines the key physical and thermal characteristics of the part:
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Base Dimensions** | 45mm x 45mm |
| **Height** | 20mm |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Thermal Resistance** | 7.57°C/W (at 100 LFM) |
| **Weight** | ~45 grams |
---
## 2. Key Electronic Features
### A. Thermal Interface Material (TIM)
This part typically comes pre-applied with **T766** phase-change material or high-performance thermal grease. This ensures low contact resistance between the semiconductor package and the heatsink base.
### B. pushPIN™ Attachment System
Unlike adhesive tapes, this part uses a mechanical push-pin system.
* **Precision Springs:** Provides specific pressure to ensure consistent contact with the electronic chip.
* **Hole Pattern:** Designed for industry-standard PCB hole layouts.
### C. Aerodynamic Fin Design
The fin geometry is optimized for **straight-line airflow**. The "C2" in the part number indicates a specific fin density and configuration designed to balance pressure drop with thermal dissipation efficiency.
---
## 3. Application Use Cases
This component is commonly found in:
1. **Telecommunications:** Cooling of networking switches and routers.
2. **Power Electronics:** Dissipating heat from high-current transistors.
3. **Industrial Controls:** Used on PCB-mounted processors in harsh environments.
---
## 4. Part Number Breakdown
The nomenclature reveals the specific configuration:
```text
ATS - 01 B - 29 - C2 - R0
| | | | | |
| | | | | +-- Revision Level
| | | | +------- Thermal Performance/Fin Type
| | | +------------ Height/Design Variation
| | +----------------- Attachment Type (Push-Pin)
| +------------------- Size Category
+------------------------ Brand (Advanced Thermal Solutions)
```
- ⤷
What is the exact PCB hole pattern required for the ATS-01B-29-C2-R0?
- ⤷ How does the thermal resistance change at higher airflow rates (e.g.
- ⤷ 500 LFM)?
- ⤷ What are the compatible replacement alternatives for this heatsink?