전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-01B-36-C2-R0

  • AI
    The **ATS-01B-36-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed for cooling high-power semiconductors and integrated circuits. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of this component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Thermal Resistance** | 2.50°C/W @ 200 LFM | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 22.86mm | | **Base Shape** | Square | | **Fin Style** | maxiFLOW (Tapered Fin Design) | --- ### 2. Key Electronic & Mechanical Features #### A. maxiFLOW™ Fin Geometry The "maxiFLOW" design uses a specific fin profile that reduces pressure drop and maximizes surface area. In electronics, this is critical because it allows for high-efficiency heat dissipation even in environments with low airflow. #### B. pushPIN™ Attachment Unlike adhesive tapes or simple clips, the `pushPIN™` mechanism ensures: * **Constant Pressure:** Maintains a consistent interface between the heat sink and the electronic component (e.g., a BGA or FPGA). * **Secure Mounting:** Prevents the heat sink from shifting during mechanical vibration or shock. * **Ease of Assembly:** Features a flexible "spring" design that simplifies PCB installation. #### C. Thermal Interface Material (TIM) The "R0" suffix typically denotes the inclusion of a pre-applied **Thermal Interface Material**. This material fills the microscopic air gaps between the semiconductor die and the heat sink base, significantly lowering the contact resistance. --- ### 3. Typical Applications This part is commonly found in high-reliability electronic systems, including: 1. **Telecommunications:** High-speed routers and switches. 2. **Embedded Systems:** Industrial PC processors. 3. **Power Electronics:** Cooling MOSFETs or Voltage Regulator Modules (VRMs). --- ### 4. Thermal Performance Comparison Below is a simplified representation of how airflow affects its performance: ```python # Illustrative Python representation of Thermal Resistance vs Airflow performance_data = { "LFM (Linear Feet per Minute)": [200, 300, 400, 500, 600], "Thermal_Res_CW": [2.50, 2.05, 1.80, 1.65, 1.50] } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between blue anodized and black anodized finishes for heat sinks?
    • ⤷ How do I calculate the required LFM for my specific electronic component?
    • ⤷ Does this heat sink come with different spring tensions for the pushPIN?