ATS-01F-20-C2-R0
AI

The **ATS-01F-20-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components.
### 1. Technical Specifications
The part belongs to the **pushPIN™** series by Advanced Thermal Solutions (ATS).
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Number** | ATS-01F-20-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 25mm |
| **Thermal Resistance** | ~7.14°C/W (at 100 LFM) |
---
### 2. Key Components & Design Features
#### A. Fin Profile (Straight Fin)
The "F" in the part number often denotes a specific fin pattern. This heatsink utilizes a **Straight Fin** design, which is optimized for **forced air convection** (where a fan is present). This allows air to flow through the channels with minimal resistance.
#### B. The pushPIN™ Attachment System
Instead of using messy thermal adhesives or simple clips, this part uses a specialized "pushPIN" mechanism:
* **Brass Components:** The pins are often made of brass for durability.
* **Compression Springs:** These ensure a consistent, pre-determined pressure is applied to the chip, optimizing thermal interface material (TIM) performance.
#### C. Material and Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodization:** This is not just for aesthetics; the anodized coating increases surface emissivity and provides corrosion resistance.
---
### 3. Application Use Cases
This specific size (45mm) and height (25mm) make it suitable for:
* **CPUs/GPUs:** Cooling mid-range processors.
* **FPGAs:** Field Programmable Gate Arrays that generate significant heat during high-speed logic operations.
* **Telecommunications Gear:** Used in routers and switches where air is actively pushed through the chassis.
---
### 4. Thermal Performance Data
*Note: Performance varies based on airflow (LFM - Linear Feet per Minute).*
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 7.14 |
| 300 (1.5 m/s) | 2.36 |
| 500 (2.5 m/s) | 1.46 |
- ⤷
What are the mounting hole requirements for the pushPIN system?
- ⤷ How does the 'C2' designation in the part number affect the thermal interface material?
- ⤷ Is this heatsink compatible with natural convection environments?