ATS-01F-93-C2-R0
AI

The **ATS-01F-93-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components.
Below is a breakdown of its technical specifications and physical properties.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin |
| **Thermal Resistance (Low Flow)** | 12.32°C/W @ 100 LFM |
| **Thermal Resistance (High Flow)** | 2.50°C/W @ 700 LFM |
---
### 2. Design and Construction
#### **A. Fin Configuration (Straight Fin)**
The "93" in the part number indicates the specific fin design. This model utilizes a **straight-fin** pattern, which is optimized for systems with a defined airflow direction.
#### **B. Attachment Mechanism (pushPIN™)**
Instead of using messy thermal adhesives or tapes, this part uses a mechanical push-pin system:
* **Springs:** Provides consistent pressure for optimal thermal interface material (TIM) performance.
* **Pins:** Usually made of brass or plastic, designed to snap into pre-drilled holes on a PCB (Printed Circuit Board).
#### **C. Material and Finish**
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized:** The coating protects against corrosion and increases surface emissivity (the ability to radiate heat).
---
### 3. Dimensional Data
| Dimension | Measurement |
| :--- | :--- |
| **Length/Width** | 40.00 mm x 40.00 mm |
| **Height** | 20.00 mm |
| **Pitch** | 33.00 mm (Distance between mounting holes) |
---
### 4. Implementation Details
This part is commonly used in:
1. **Telecommunications:** Cooling high-speed processors.
2. **Embedded Systems:** Industrial PCs where space is constrained but heat dissipation is critical.
3. **Power Supplies:** Managing heat on MOSFETs or voltage regulators.
---
- ⤷
What are the advantages of push-pin mounting over thermal tape?
- ⤷ How does 'LFM' (Linear Feet per Minute) affect the cooling performance of this heatsink?
- ⤷ Can this heatsink be used on a PCB without pre-drilled mounting holes?