전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-01G-101-C2-R0

  • AI
    The **ATS-01G-101-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** heat sink assembly series, designed to provide efficient cooling for electronic components like CPUs, GPUs, or high-power transistors. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum (Body), Brass (Pin) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Spring Loaded) | | **Thermal Resistance** | 6.69°C/W (at 100 LFM) to 1.74°C/W (at 700 LFM) | | **Dimensions** | 45mm x 45mm x 30mm | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Design and Construction The "electronic parts" of this assembly consist of the mechanical interface and the thermal management profile: * **Heat Sink Profile:** It features a **Straight Fin** design. This maximizes surface area while allowing air to flow through the fins, making it ideal for systems with high-velocity airflow. * **Push-Pin Attachment:** Instead of screws or adhesive tape, it uses a brass push-pin mechanism. This provides a consistent "pressure force" on the electronic chip, ensuring optimal contact with the Thermal Interface Material (TIM). * **Thermal Interface Material (TIM):** The unit comes with **T766** pre-applied. This is a high-performance phase-change material or grease that fills microscopic air gaps between the heat sink and the electronic component to lower thermal impedance. --- ### 3. Thermal Performance (LFM - Linear Feet per Minute) The effectiveness of this part depends heavily on the airflow within the electronic enclosure: | Airflow Velocity | 100 LFM | 300 LFM | 500 LFM | 700 LFM | | :--- | :--- | :--- | :--- | :--- | | **Resistance (Unducted)** | 6.69 °C/W | 2.52 °C/W | 1.82 °C/W | 1.50 °C/W | | **Resistance (Ducted)** | 2.50 °C/W | 1.63 °C/W | 1.35 °C/W | 1.19 °C/W | --- ### 4. Part Number Breakdown The part number identifies specific physical characteristics: * **ATS:** Manufacturer (Advanced Thermal Solutions) * **01G:** Series/Style designation * **101:** Specific dimensions and fin configuration * **C2:** Material/Finish code (Blue Anodized Aluminum) * **R0:** Revision/Packaging code ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using push-pins over thermal adhesive tape?
    • ⤷ How do I calculate the required LFM for a specific component using this heat sink?
    • ⤷ Is the T766 TIM suitable for high-temperature automotive electronics?