전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-03D-08-C2-R0

  • AI
    The **ATS-03D-08-C2-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, or high-power transistors on a PCB. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of this component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions** | 45mm x 45mm x 25mm | | **Thermal Resistance** | 14.61°C/W (Unducted @ 100 LFM) | | **Attachment Method** | Push-Pin (Plastic) with Compression Spring | | **Fin Type** | Fine Pitch (High Surface Area) | | **Interface Material** | T766 (Thermal Interface Material pre-applied) | --- ### 2. Breakdown of the Part Number The alphanumeric string follows a specific coding logic used by Advanced Thermal Solutions: * **ATS**: Manufacturer (Advanced Thermal Solutions). * **03D**: Refers to the specific series and mounting hole configuration. * **08**: Internal sizing/geometric code for the heatsink base. * **C2**: Indicates the material/finish (Aluminum, Blue Anodized). * **R0**: Revision or packaging designator. --- ### 3. Key Electronic Functions While a heatsink is a passive mechanical part, its role in an electronic system is critical for the following reasons: 1. **Thermal Management**: It increases the surface area of a heat-generating component (like an Integrated Circuit), allowing air to carry heat away more efficiently. 2. **Reliability (MTBF)**: By keeping the junction temperature ($T_j$) of a semiconductor low, it exponentially increases the Mean Time Between Failures. 3. **Efficiency**: Many power components (FETs/Regulators) operate more efficiently at lower temperatures, reducing internal resistance. --- ### 4. Mounting & Installation This part uses a **Push-Pin** system, which is favored in electronics manufacturing for several reasons: * **Mechanical Stability**: The spring-loaded pins provide consistent pressure (load) on the chip, ensuring the Thermal Interface Material (TIM) fills all microscopic gaps. * **Ease of Assembly**: It requires two pre-drilled holes in the PCB, allowing for quick "snap-in" installation during mass production. * **Vibration Resistance**: The springs absorb mechanical shock, preventing the heatsink from cracking the silicon die during transport.
    ✨ Follow-up Questions
    • ⤷ What are the recommended PCB hole sizes for the ATS push-pin series?
    • ⤷ How does the T766 thermal interface material compare to standard thermal paste?
    • ⤷ What is the difference between ducted and unducted thermal resistance in this context?