전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-03F-101-C2-R0

  • AI
    The **ATS-03F-101-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of the **blueICE™** series, specifically designed for thermal management of electronic components like CPUs, GPUs, and other high-heat integrated circuits. --- ### 1. Technical Specifications The following table summarizes the physical and thermal characteristics of this specific component: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 45mm x 45mm x 30mm | | **Fin Type** | Straight Fin | | **Attachment Method** | pushPIN™ | | **Thermal Resistance** | 6.69°C/W (at 100 LFM) | | **Pressure Drop** | 0.13 in-H2O (at 100 LFM) | --- ### 2. Key Design Features * **pushPIN™ Attachment System:** This part utilizes a specialized spring-loaded pin mechanism. It ensures consistent pressure on the electronic component (TIM - Thermal Interface Material), which is critical for maximizing heat transfer efficiency. * **Straight Fin Geometry:** The vertical fins are optimized for directional airflow. This design is best used in systems with a dedicated cooling fan or high-velocity ducting. * **Blue Anodized Coating:** Beyond aesthetics, the anodization process protects the aluminum from corrosion and slightly improves radiant heat emissivity. * **Pre-applied Thermal Interface (TIM):** This specific model typically comes with **T766** phase-change material or similar, ensuring immediate, high-quality thermal contact upon installation. --- ### 3. Electronic Application The ATS-03F-101-C2-R0 is typically found in the following electronic environments: 1. **Telecommunications:** Cooling of high-speed network processors and FPGA modules. 2. **Embedded Systems:** Industrial PCs where high-profile cooling is required within a small footprint (45mm footprint). 3. **Power Electronics:** Managing heat for MOSFET arrays or power converters that generate significant waste heat in a localized area. ---
    ✨ Follow-up Questions
    • ⤷ What are the benefits of the pushPIN™ system compared to adhesive thermal tape?
    • ⤷ How does the fin height (30mm) affect the thermal performance versus air pressure drop?
    • ⤷ Is this heat sink compatible with standard 45mm chipsets?