전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-04H-77-C3-R0

  • AI
    The **ATS-04H-77-C3-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the *push-pin* attachment series designed for cooling electronic components such as CPUs, GPUs, and power modules. --- ### 1. Technical Specifications The following table highlights the physical and thermal properties of this specific model: | Property | Description | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions** | 25mm x 25mm x 20mm | | **Attachment Type** | Push-Pin (Spring Loaded) | | **Fin Style** | Straight Fin | | **Thermal Resistance** | 9.58°C/W (at 1.0 m/s airflow) | | **Thermal Interface Material (TIM)** | T412 (High Performance) | --- ### 2. Key Design Features #### A. Push-Pin Attachment Mechanism The "04H" in the part number signifies the specific push-pin and spring combination. * **Ease of Assembly:** Allows for quick installation onto pre-drilled holes in the PCB. * **Constant Pressure:** The spring-loaded pins ensure a consistent downward force, optimizing the contact between the heat sink and the component to improve heat transfer. #### B. Straight Fin Geometry The fins are arranged in a parallel, straight pattern. * **High Airflow Efficiency:** Designed for environments with forced air (fans). * **Low Pressure Drop:** The open-ended design allows air to pass through with minimal resistance. #### C. T412 Thermal Interface Material This model comes pre-applied with **T412** thermal tape. * **Thermal Conductivity:** Provides an efficient path for heat to travel from the chip to the aluminum fins. * **Convenience:** Eliminates the need for applying separate thermal paste or grease during assembly. --- ### 3. Applications This heat sink is typically used in space-constrained electronic environments, including: * **Telecommunications:** Cooling small chips on network switches or routers. * **Embedded Systems:** Industrial PCs and IoT gateways. * **Power Electronics:** Cooling MOSFETs or voltage regulators that generate localized heat. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the C1
    • ⤷ C2
    • ⤷ and C3 suffixes in ATS heat sinks?
    • ⤷ What is the recommended hole diameter for the push-pin installation?
    • ⤷ How does the thermal resistance change at higher airflow speeds?