ATS-04H-80-C2-R0
AI

The **ATS-04H-80-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. These components are critical for preventing semiconductor failure by dissipating heat from integrated circuits (ICs).
---
## ๐ ๏ธ Technical Specifications
Below is a breakdown of the physical and thermal characteristics of this specific model:
| Attribute | Specification |
| :--- | :--- |
| **Product Type** | Heatsink (Push-Pin Mount) |
| **Dimensions** | 30mm x 30mm x 25mm |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Fin Style** | Straight (High-density) |
| **Thermal Resistance** | ~7.03ยฐC/W (Unducted Flow @ 200 LFM) |
| **Attachment Method** | Plastic Push-Pin with Brass Spring |
---
## ๐ Key Electronic Components & Features
### 1. The Heat Dissipation Geometry
The "04H" series indicates a specific fin density designed for optimized airflow. The straight-fin design is ideal for systems with a defined directional airflow (like a server chassis or high-speed cooling fan).
### 2. Attachment Mechanism (Push-Pin & Spring)
Unlike adhesive-based heatsinks, the **ATS-04H-80-C2-R0** uses a mechanical attachment system:
* **Push-Pins:** These provide a secure connection to the PCB via pre-drilled holes.
* **Springs:** The brass springs ensure constant, uniform pressure on the electronic component, which improves the thermal interface and prevents the heatsink from shifting during vibration.
### 3. Thermal Interface Material (TIM)
This part number typically comes with **T766** pre-applied. In electronics, the TIM is crucial because it fills microscopic air gaps between the chip (CPU/FPGA) and the aluminum base, significantly reducing thermal resistance.
### 4. Material and Finish
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodizing:** Aside from aesthetics, the anodized layer provides electrical insulation and improves corrosion resistance.
---
## ๐ก Typical Applications
This component is commonly found protecting the following electronic parts:
* **FPGAs & ASICs:** High-speed processing units that generate localized heat.
* **Power Modules:** Voltage regulators that require heat dissipation to maintain efficiency.
* **Network Switches:** Used in telecom equipment where reliability is paramount.
---
- โคท
What are the PCB hole requirements for mounting this heatsink?
- โคท How does the 'C2' suffix in the part number affect its thermal properties?
- โคท What is the maximum airflow (LFM) recommended for this specific fin design?