전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-05F-32-C2-R0

  • AI
    The **ATS-05F-32-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed specifically for cooling electronic components such as CPUs, GPUs, and other integrated circuits. --- ### 1. Technical Specifications The following table summarizes the key physical and thermal properties of this component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions** | 54mm x 54mm | | **Height** | 12.7mm | | **Attachment Type** | Push Pin (Brass) | | **Thermal Resistance** | 21.46°C/W (at 0 LFM) | | **Airflow Pattern** | Cross-Cut (Omni-directional) | --- ### 2. Key Electronic Features #### A. Cross-Cut Fin Design The "Omni-directional" fin pattern allows the heat sink to be mounted in any orientation. This is critical for PCBS with complex airflow, as the sink can dissipate heat effectively regardless of whether the air is moving horizontally or vertically across the board. #### B. Attachment Mechanism (Push Pin) The **Brass Push Pin** system is an electronic assembly standard. - It provides a **pre-drilled hole mounting** method. - It includes a **compression spring** to ensure high pressure between the heat sink and the chip, maximizing thermal transfer. #### C. Thermal Interface Material (TIM) The part comes pre-applied with **T766**, a high-performance phase-change thermal pad. In electronics, this eliminates the need for manual application of thermal paste and ensures consistent thermal conductivity across mass-produced units. --- ### 3. Part Number Breakdown Understanding the coding helps in identifying specific variations of the component: * **ATS**: Manufacturer (Advanced Thermal Solutions). * **05**: Heat Sink Series. * **F**: Push Pin Attachment Material (Plastic or Metal). * **32**: Specific Geometric footprint/height. * **C2**: Material/Finish (Aluminum / Blue Anodize). * **R0**: Revision/Packaging code. --- ### 4. Typical Applications * **BGA Cooling:** Ball Grid Array components that generate moderate to high heat. * **Telecommunications:** Cooling of high-speed networking chips. * **Embedded Systems:** Industrial PCs where mechanical vibration resistance is required (secured via push pins).
    ✨ Follow-up Questions
    • ⤷ What are the benefits of blue anodizing in electronic heat sinks?
    • ⤷ How do I calculate the thermal resistance required for my specific chip?
    • ⤷ What are the PCB hole size requirements for this push-pin model?