전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-05F-53-C2-R0

  • AI
    The **ATS-05F-53-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance **heat sink** designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors. --- ## 1. Technical Specifications The part number follows a specific nomenclature used by ATS. Below are the key technical characteristics: | Property | Description | | :--- | :--- | | **Component Type** | Heat Sink (Push-Pin Attachment) | | **Material** | Aluminum (Al) | | **Finish** | Blue Anodized | | **Dimensions** | 35.0mm x 35.0mm x 30.0mm | | **Fin Style** | Straight Fin (Cross-cut) | | **Thermal Resistance** | ~8.50°C/W (Unducted @ 200 LFM) | | **Attachment Method** | Push-Pins with Compression Springs | --- ## 2. Key Features * **Thermal Management:** Designed for optimal airflow through its vertical fins. The cross-cut design allows air to enter from multiple directions, improving performance in turbulent airflow environments. * **Push-Pin Mounting:** Unlike adhesive-based heat sinks, this uses a mechanical push-pin system. This provides high reliability, consistent pressure, and makes it easier to remove or replace during maintenance. * **Pre-Applied Thermal Interface Material (TIM):** This specific model typically comes with **T766** high-performance thermal phase change material pre-applied to the base, ensuring efficient heat transfer from the chip to the aluminum. --- ## 3. Physical Layout ### Dimensions (in mm) * **Length (A):** 35.00 * **Width (B):** 35.00 * **Height (C):** 30.00 * **Hole Spacing (E):** 41.00 (Measured diagonally between push-pins) --- ## 4. Part Number Breakdown The nomenclature `ATS-05F-53-C2-R0` can be decoded as follows: * **ATS:** Advanced Thermal Solutions (Manufacturer) * **05:** Series Number * **F:** Fin Type (Straight/Cross-cut) * **53:** Size/Form factor code * **C2:** Material/Finish (Blue Anodized Aluminum) * **R0:** Revision or Packaging code ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Blue Anodized' finish for heat sinks?
    • ⤷ How do I calculate if the 8.50°C/W thermal resistance is sufficient for my processor?
    • ⤷ Are there alternative mounting options if my PCB doesn't have holes for push-pins?