전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-06B-20-C2-R0

  • AI
    The **ATS-06B-20-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed for cooling electronic components such as processors, GPUs, or power modules. ### 1. Technical Specifications Below are the primary electronic and physical parameters for this component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Part Number** | ATS-06B-20-C2-R0 | | **Fin Style** | XC (Cross-Cut) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Thermal Performance Data Thermal resistance is the critical metric for electronic parts. It measures how effectively the heat is moved away from the component. * **Dimensions:** 54.00mm x 54.00mm * **Height:** 25.00mm * **Pitch (Mounting):** 47.00mm (Center-to-Center) | Airflow Velocity | 1.0 m/s (200 LFM) | 2.0 m/s (400 LFM) | 3.0 m/s (600 LFM) | | :--- | :--- | :--- | :--- | | **Thermal Resistance (°C/W)** | ~7.14 | ~3.32 | ~2.31 | --- ### 3. Key Electronic Cooling Features #### A. Cross-Cut (XC) Fin Design Unlike straight fin heat sinks, the XC design allows for airflow from multiple directions. This is essential in electronics where the airflow pattern might be turbulent or restricted by surrounding components. #### B. pushPIN™ Attachment The "R0" designation refers to the specific attachment system. It uses a flexible spring-loaded mechanism that: * Ensures uniform pressure across the electronic chip. * Prevents damage to the PCB during high-vibration scenarios. * Provides a precise "click" to confirm secure installation. #### C. Thermal Interface Material (T766) This part comes with **T766** pre-applied to the base. In electronics, the microscopic air gaps between a chip and a heat sink act as insulators. The T766 material fills these gaps to ensure maximum thermal conductivity between the silicon die and the aluminum fins. ### 4. Applications * **Integrated Circuits (ICs):** Cooling FPGAs and ASICs. * **Network Hardware:** Heat dissipation for high-speed switches and routers. * **Industrial Electronics:** Power supply modules and motor controllers. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between Blue Anodized and Gold Anodized finishes in heat sinks?
    • ⤷ How do I calculate the required thermal resistance for a specific processor?
    • ⤷ Can the pushPIN attachment system be reused if the component is moved?