전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-06D-148-C2-R0

  • AI
    The **ATS-06D-148-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from semiconductors and integrated circuits. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Black Anodized) | | **Dimensions** | 30.00mm x 30.00mm | | **Height** | 15.00mm | | **Fin Style** | maxiFLOW (Tapered Fin Design) | | **Attachment Method** | pushPIN™ | | **Thermal Resistance** | 8.70°C/W (at 200 LFM) | | **Flow Orientation** | Directional / Vertical | --- ### 2. Electronic Component Breakdown #### A. The Heat Sink Body The "C2" in the part number indicates the material and finish. It is constructed from **Aluminum** to balance weight and thermal conductivity. The **Black Anodized** finish is not just aesthetic; it increases thermal emissivity, allowing the part to radiate heat more efficiently into the surrounding air. #### B. The maxiFLOW™ Fin Geometry Unlike standard square-cut fins, the maxiFLOW design uses a spread-fin pattern. This reduces pressure drop and increases the surface area exposed to airflow. In electronics, this is critical for cooling high-density components where space is limited but heat output is high. #### C. The pushPIN™ Attachment System This part uses a specific mechanical attachment mechanism: - **Spring-loaded pins:** These provide a precise "normal force" (pressure) on the electronic chip (CPU, GPU, or FPGA). - **Thermal Interface Material (TIM):** The part usually comes with a pre-applied high-performance TIM (like ATS-54) to ensure no air gaps exist between the chip and the aluminum base. --- ### 3. Application Use Cases This specific model is typically found in the following electronic environments: * **Networking Hardware:** Routers, switches, and high-speed modems. * **Embedded Systems:** Industrial PCs and automation controllers. * **Power Electronics:** Cooling MOSFETs or power regulators that generate significant localized heat. --- ### 4. Thermal Performance Data (Example) Thermal resistance varies based on airflow (Measured in Linear Feet per Minute - LFM): | Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) | | :--- | :--- | :--- | | 100 | 0.5 | 11.07 | | 300 | 1.5 | 7.48 | | 500 | 2.5 | 6.25 |
    ✨ Follow-up Questions
    • ⤷How does the pushPIN™ attachment compare to adhesive-based heat sinks?
    • ⤷ What are the advantages of the maxiFLOW fin design over standard cross-cut fins?
    • ⤷ Can this heat sink be used for passive cooling without a fan?