전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-06D-66-C2-R0

  • AI
    The **ATS-06D-66-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for precision cooling of electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications The part number encodes specific mechanical and thermal properties. Here is a breakdown of the technical details: | Property | Value / Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Fin Type** | Straight Fin | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W)** | 45.00 mm x 45.00 mm | | **Height (Height Off Base)** | 25.00 mm | | **Pitch/Spacing** | 52.00 mm (Hole-to-hole) | | **Thermal Resistance** | ~1.20 °C/W (at 200 LFM) | | **Finish** | Blue Anodized | --- ### 2. Core Electronic/Thermal Features #### A. Thermal Performance This heat sink is designed to dissipate heat from surface-mount components. The **Straight Fin** design is optimized for "forced air" environments (where a fan is present). The efficiency is measured by its low thermal resistance, ensuring the junction temperature of the semiconductor remains within safe operating limits. #### B. The pushPIN™ Attachment System Unlike adhesive-based heat sinks, the ATS-06D-66-C2-R0 uses a mechanical attachment system: * **Push Pins:** Durable plastic or brass pins that snap into pre-drilled holes on the PCB. * **Compression Springs:** These provide a precise "force" to ensure the heat sink makes constant, high-pressure contact with the chip. * **TIM (Thermal Interface Material):** Usually comes pre-applied with a high-performance thermal pad or grease (Phase Change Material) on the base. #### C. Material Science The use of **Aluminum 6063** provides a balance between high thermal conductivity and lightweight construction. The **Blue Anodized** finish isn't just for aesthetics; it provides corrosion resistance and slightly improves emissivity (heat radiation). --- ### 3. Application Use Cases This specific part is typically found in the following electronic sectors: 1. **Telecommunications:** Cooling high-speed networking chips in routers and switches. 2. **Embedded Systems:** Industrial PCs where vibration resistance is required (the push-pin system is more secure than tape). 3. **Power Electronics:** Managing heat for voltage regulators and power modules. --- ### 4. Mounting Hole Pattern To use this part, the PCB must be designed with the following layout: ```text (52.00 mm) O--------------O | | | (45.00mm) | (52.00 mm) | SINK | | | O--------------O ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of push-pin mounting over thermal adhesive for this part?
    • ⤷ How does the LFM (Linear Feet per Minute) airflow affect the thermal resistance of this heat sink?
    • ⤷ Is there a copper-base version of this heat sink for higher thermal conductivity?