전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-06E-72-C2-R0

  • AI
    The **ATS-06E-72-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, which is specifically designed to provide high thermal performance in environments with constrained airflow. --- ## 1. Technical Specifications The following table summarizes the key physical and thermal characteristics of this component: | Characteristic | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | maxiFLOW™ | | **Material** | Aluminum (Blue Anodized) | | **Thermal Resistance** | 2.18°C/W @ 200 LFM | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W)** | 45mm x 45mm | | **Height** | 25mm | | **TIM (Thermal Interface Material)** | T766 (Pre-applied) | --- ## 2. Key Design Features ### A. maxiFLOW™ Fin Geometry The "C2" in the part number refers to a specific fin pattern. The maxiFLOW™ design uses a **tapered fin structure** which increases the surface area while reducing the pressure drop across the heat sink. This makes it highly efficient for "forced air" cooling systems where a fan is pushing air through a chassis. ### B. pushPIN™ Attachment System The "R0" designation indicates the attachment style. This model uses a **pushPIN™** mechanism: * **Ease of Assembly:** Features a flexible, tool-free installation. * **Constant Pressure:** Uses a brass or plastic pin with a stainless steel spring to ensure consistent contact between the heat sink and the component (CPU, GPU, or FPGA). * **Hole Pattern:** Requires pre-drilled holes in the PCB. ### C. Thermal Interface Material (TIM) The unit comes with **ATS-T766** pre-applied to the base. This ensures: 1. Elimination of air gaps between the heat source and the aluminum. 2. Consistent thermal conductivity without the mess of manual paste application. --- ## 3. Application Use Cases This specific heat sink is typically used for cooling high-heat-generating electronic components on a Printed Circuit Board (PCB): * **Processors:** Microprocessors (CPUs) and Microcontrollers. * **ASICs/FPGAs:** High-speed integrated circuits used in networking or crypto-mining. * **Power Electronics:** Voltage regulators and high-current power modules. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific PCB hole dimensions required for the pushPIN™ attachment?
    • ⤷ How does the thermal resistance change at different airflow speeds (LFM)?
    • ⤷ Is there a low-profile version of this heat sink for 1U server racks?