ATS-06F-101-C3-R0
AI

The **ATS-06F-101-C3-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series designed for cooling electronic components like CPUs, GPUs, and high-power ICs.
---
### 1. Technical Specifications
The model number provides specific details about the physical and thermal properties of the component:
| Feature | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 30mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Physical Design and Construction
This electronic part is engineered for maximum heat dissipation within a compact footprint:
* **Fine Pitch Fins:** The "F" in the part number often denotes a fine pitch design. This increases the surface area available for convective cooling without increasing the footprint.
* **Thermal Interface Material (T766):** It comes with a pre-applied thermal pad (T766), which ensures a low-resistance thermal path between the semiconductor die and the aluminum base.
* **Blue Anodized Coating:** Beyond aesthetics, the anodization process increases the emissivity of the aluminum and provides electrical insulation and corrosion resistance.
---
### 3. Mounting System: Push-Pin and Spring
Unlike adhesive-based heat sinks, the **ATS-06F-101-C3-R0** uses a mechanical fastening system:
1. **Push-Pins:** These are inserted through pre-drilled holes in the PCB. They provide a secure, vibration-resistant connection.
2. **Compression Springs:** These maintain a constant downward force on the heat sink. This ensures that the Thermal Interface Material stays in perfect contact with the electronic component even during thermal expansion and contraction.
---
### 4. Typical Applications
This heat sink is commonly found in:
* **Networking Equipment:** Routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Voltage regulator modules (VRMs).
---
- ⤷
What is the thermal resistance rating of the ATS-06F-101-C3-R0 in Celsius per Watt?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ What are the specific hole patterns required on a PCB for this push-pin mount?