전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-06F-181-C2-R0

  • AI
    The **ATS-06F-181-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or damage. --- ### 1. Technical Specifications The part number encodes specific physical and thermal characteristics: | Property | Detail | | :--- | :--- | | **Product Type** | Push-Pin Heat Sink | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Fin Type** | Fine-Pitch (increases surface area) | | **Attachment Method** | Push-Pin (with Compression Spring) | | **Thermal Resistance** | Approx. 11.95°C/W (at 100 LFM) | --- ### 2. Component Dimensions Precise physical measurements are critical for PCB layout and clearance: * **Length x Width:** 40mm x 40mm * **Height:** 10mm (Low Profile) * **Pin Material:** Brass/Plastic depending on specific variant configuration. * **Thermal Interface Material (TIM):** Usually comes pre-applied with T766 phase change material or similar. --- ### 3. Key Electronic Functions While the part itself is passive (no electrical power required), its role in an electronic circuit is vital for stability: 1. **Thermal Dissipation:** It draws heat away from the silicon die through the top of the package. 2. **Increased Lifespan:** By keeping the junction temperature ($T_j$) low, it prevents premature component failure via electromigration. 3. **Mechanical Stability:** The push-pin design ensures consistent pressure on the component, maintaining a reliable bond between the heat source and the cooling fins. --- ### 4. Application Areas This specific model is commonly found in: * **Embedded Systems:** Industrial PCs and small form factor controllers. * **Telecommunications:** Network switches and routers. * **Power Electronics:** Voltage regulators and motor drivers where space is limited. ---
    ✨ Follow-up Questions
    • ⤷How do I calculate the correct LFM for this heat sink?
    • ⤷ What is the benefit of the blue anodized finish over plain aluminum?
    • ⤷ Does this model support custom mounting hole patterns?