ATS-06F-19-C2-R0
AI

The **ATS-06F-19-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Type** | Top Mount Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 20.00mm |
| **Thermal Resistance** | 9.77°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Features and Design
This part is engineered for cooling semiconductors and integrated circuits (ICs) in high-density electronic environments.
* **Fin Profile (Fine Pitch):** The "F" in the part number denotes a fine-pitch fin design. This maximizes surface area, allowing for better heat dissipation in forced-air environments (fan-cooled systems).
* **pushPIN™ Attachment:** Instead of messy adhesives or clips, it uses a specialized push-pin mechanism. This ensures constant pressure (load) on the processor, which improves thermal transfer and makes assembly repeatable.
* **Material Science:** Made from lightweight aluminum with a blue anodized coating. Anodization not only provides corrosion resistance but also slightly improves emissivity for radiant cooling.
* **Thermal Interface Material (TIM):** It comes with **T766** pre-applied. This is a phase-change material or high-performance thermal pad that fills microscopic air gaps between the component and the heat sink.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying its specific configuration:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Brand) |
| **06** | Series number (pushPIN™) |
| **F** | Fin Pitch (Fine) |
| **19** | Dimensions/Reference Code |
| **C2** | Thermal Performance/Material Grade |
| **R0** | RoHS Compliant / Revision code |
---
### 4. Typical Applications
* **Telecommunications:** High-speed routers and switches.
* **Computing:** CPU/GPU cooling in industrial PCs or servers.
* **Power Electronics:** Cooling for MOSFETs or IGBTs in power conversion modules.
- ⤷
What are the advantages of push-pin mounting over adhesive thermal tape?
- ⤷ How does the 'Fine Pitch' fin design affect performance in passive vs active cooling?
- ⤷ Are there alternative thermal interface materials available for this specific heat sink?