전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-06F-50-C2-R0

  • AI
    The **ATS-06F-50-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for secure and efficient cooling of electronic components like CPUs, GPUs, or high-power transistors. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 15.0mm | | **Thermal Resistance** | 19.03 °C/W (Unducted Flow @ 200 LFM) | | **Attachment Method** | Push-Pin (Plastic) | | **Thermal Interface Material (TIM)** | T766 (High Performance) | | **Fin Style** | Straight Fin | --- ### 2. Physical Design Elements * **Straight Fin Geometry:** The fins are aligned in a straight pattern. This design is optimized for environments where there is a consistent, unidirectional airflow. It minimizes pressure drop across the heatsink. * **Push-Pin Attachment:** Instead of using adhesives or solder, this unit uses a spring-loaded push-pin mechanism. * **Advantage:** Provides consistent pressure on the component, improving thermal transfer. * **Ease of Use:** Allows for quick installation and removal without damaging the PCB. * **T766 Thermal Interface:** The unit comes pre-applied with a high-performance thermal pad/grease (T766), ensuring there are no air gaps between the heatsink base and the heat source. --- ### 3. Thermal Performance Analysis Thermal management is calculated based on Linear Feet per Minute (LFM) of airflow: | Airflow (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 100 (0.5 m/s) | 19.03 | | 300 (1.5 m/s) | 5.40 | | 500 (2.5 m/s) | 3.63 | **Note:** As airflow increases, the efficiency of the heatsink improves drastically, making it suitable for active-cooling environments (systems with fans). --- ### 4. Common Applications * **Embedded Systems:** Industrial PCs and controllers. * **Networking:** Routers, switches, and high-speed modems. * **Power Electronics:** Voltage regulators and power modules that generate significant heat in a small footprint. ---
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for the push-pin mounting system?
    • ⤷ How does the 'C2' designation in the part number affect the anodization or material choice?
    • ⤷ Can this heatsink be used in passive cooling environments without a fan?