전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-06F-54-C2-R0

  • AI
    The **ATS-06F-54-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal properties. | Specification | Details | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Fin Type** | Fine Pitch (Straight Fin) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 7.00°C/W (Unducted Flow @ 100 LFM) | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Physical Dimensions Precision sizing is critical for ensuring compatibility with the PCB layout and nearby components. | Dimension | Measurement | | :--- | :--- | | **Length/Width (Footprint)** | 35.00 mm x 35.00 mm | | **Height** | 35.00 mm | | **Mounting Hole Pitch** | 40.00 mm | --- ### 3. Key Electronic/Mechanical Features * **pushPIN™ Attachment:** This model uses a specialized spring-loaded mechanism. This ensures even pressure across the component surface, which optimizes heat transfer and prevents the heat sink from shifting during vibration. * **Aluminum Construction:** Offers a balance of lightweight design and high thermal conductivity. The blue anodized coating prevents corrosion and improves radiative heat transfer. * **High Aspect Ratio Fins:** The "Fine Pitch" design increases the surface area exposed to airflow, allowing for better cooling in systems with forced convection (fans). * **Pre-Applied TIM:** The inclusion of T766 thermal grease ensures low thermal impedance right out of the box, reducing assembly time and error. --- ### 4. Typical Applications This specific heat sink is commonly found in: * **Embedded Systems:** Industrial PCs and controllers. * **Telecommunications:** Network switches and routers. * **Power Electronics:** Voltage regulators and high-speed motor drivers. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Blue Anodized' finish in thermal management?
    • ⤷ How do I calculate if the 7.00°C/W thermal resistance is sufficient for my chip?
    • ⤷ Are there alternative mounting options if pushPIN is not compatible with my PCB?