ATS-07F-13-C2-R0
AI

The **ATS-07F-13-C2-R0** is a specific part number for a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). While it is not an "electronic part" in the sense of a semiconductor (like a chip), it is a critical thermal management component used to protect electronic devices from overheating.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the physical and thermal properties of the heat sink.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 15.00mm |
| **Thermal Resistance (Flowing)** | 1.15 °C/W @ 200 LFM |
| **Thermal Resistance (Static)** | 13.70 °C/W |
| **Fin Style** | XC (Fine Pitch / Cross-Cut) |
---
### 2. Breakdown of the Part Number
The nomenclature can be decoded as follows:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **07:** The specific series/style.
* **F:** Fin pitch/density (in this case, "Fine").
* **13:** Dimension code.
* **C2:** Material/Finish (Blue Anodized Aluminum).
* **R0:** Revision code / RoHS Compliance status.
---
### 3. Key Electronic Functions
In an electronic system, this part performs the following roles:
1. **Heat Dissipation:** It increases the surface area of a component (like a CPU, GPU, or FPGA), allowing the surrounding air to carry away heat more efficiently.
2. **Thermal Protection:** By lowering the operating temperature, it prevents "thermal throttling" and extends the lifespan of the underlying silicon.
3. **Mechanical Stability:** The **pushPIN™** attachment mechanism ensures consistent pressure on the thermal interface material (TIM), which is vital for efficient heat transfer between the chip and the aluminum.
---
### 4. Application Examples
This specific size (50mm x 50mm) is commonly used on:
* **Northbridge/Southbridge** chipsets on motherboards.
* **Power Supply Units (PSUs)** for cooling MOSFETs.
* **Embedded Systems** like industrial PCs or networking routers.
---
- ⤷
How do I calculate the required thermal resistance for my specific chip?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes in terms of performance?
- ⤷ How does the pushPIN mounting system compare to adhesive thermal tape?