ATS-07F-153-C2-R0
AI

The part number **ATS-07F-153-C2-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their *push-pin* attachment series, designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heat Sink Type** | Push-pin (Fine Pitch) |
| **Material** | Aluminum (Anodized Blue) |
| **Dimensions** | 40mm x 40mm x 10mm |
| **Thermal Resistance** | 11.95°C/W (at 200 LFM) |
| **Attachment Method** | Push-Pin (Plastic) with Spring |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Physical Design Details
* **Dimensions:** The "153" in the part number corresponds to a footprint of **40mm x 40mm** with a height of **10mm**. This low profile makes it ideal for dense PCB layouts where vertical space is limited.
* **Fin Style:** It features a **Straight-Fin** design. This allows for optimal airflow in a specific direction, typically used in systems with a dedicated chassis fan.
* **Material and Finish:** It is made of extruded aluminum for lightweight thermal conductivity and finished with a **Blue Anodized** coating to prevent corrosion and improve emissivity.
---
### 3. Attachment Mechanism
The **"C2-R0"** suffix indicates the specific hardware and thermal interface:
* **Push-Pin Attachment:** The unit uses two plastic push-pins and springs. This ensures even pressure across the chip surface, improving heat transfer and making installation tool-less.
* **T766 TIM:** It comes with a pre-applied Phase Change Material (T766). This eliminates the need for manual thermal paste application, reducing assembly time and ensuring a consistent thermal bond.
---
### 4. Thermal Performance
Thermal resistance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 11.95 |
| **400 (2.0 m/s)** | 6.40 |
| **600 (3.0 m/s)** | 5.20 |
---
### 5. Common Applications
* **Integrated Circuits (ICs):** Cooling FPGAs, ASICs, and high-end processors.
* **Networking Gear:** Used in routers and switches.
* **Embedded Systems:** Industrial PCs where mechanical vibration resistance (provided by the springs) is necessary.
- ⤷
What are the advantages of using push-pins over adhesive tape for heat sinks?
- ⤷ How do I calculate if the 11.95\u00b0C/W thermal resistance is sufficient for my chip?
- ⤷ Does this specific model support different spring tensions for heavier components?