ATS-07F-17-C2-R0
AI

The **ATS-07F-17-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their **blueICE™** series of high-performance heat sinks designed for thermal management in electronic circuits.
---
## 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific heat sink:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-07F-17-C2-R0 |
| **Type** | Board Level Heat Sink (Push-Pin Mount) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 12.70mm |
| **Thermal Resistance** | 15.44° C/W (@ 100 LFM) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
## 2. Key Features
The "C2" and "R0" designations in the part number refer to specific configurations regarding the material and the mounting hardware.
### Design and Airflow
* **Straight Fin Design:** The fins are aligned to provide low pressure drop while maximizing surface area for heat dissipation. It is optimized for longitudinal airflow.
* **Material:** Made from AL6063 aluminum, which offers a high thermal conductivity-to-weight ratio.
### Attachment System (push-PIN™)
* **Secure Mounting:** It uses a push-pin mechanism with a flexible spring to provide consistent pressure on the heat source (CPU/GPU/FPGA), ensuring optimal contact.
* **Ease of Install:** Designed for quick assembly onto pre-drilled holes in the Printed Circuit Board (PCB).
### Thermal Interface Material (TIM)
* **T766:** The unit comes with a pre-applied phase-change thermal interface material. This eliminates the need for manual application of thermal paste, reducing assembly time and ensuring a uniform layer.
---
## 3. Applications
This heat sink is typically found in the following electronic environments:
1. **Telecommunications:** Cooling of high-speed processors and chipsets.
2. **Embedded Systems:** Industrial PCs where space is limited but heat generation is high.
3. **Power Supplies:** Heat dissipation for MOSFETs or power regulators.
4. **Network Hardware:** Routers and switches requiring reliable 24/7 cooling.
---
- ⤷
What are the differences between the R0 and R1 suffixes in ATS heat sinks?
- ⤷ How do I calculate the required airflow for this specific thermal resistance?
- ⤷ Can this heat sink be used with a custom clip instead of push-pins?