ATS-07F-75-C1-R0
AI

The **ATS-07F-75-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 30.00mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 1.47°C/W (at 200 LFM) |
| **Fin Style** | Straight Fin |
| **Thermal Interface Material (TIM)** | NO TIM (Standard) |
---
### 2. Design and Component Breakdown
#### A. pushPIN™ Attachment System
This specific model uses the ATS proprietary **pushPIN™** system. Instead of using messy adhesives or fragile clips, it utilizes:
* **Compression Springs:** Provide precise pressure to ensure maximum surface contact between the heat sink and the component.
* **Brass/Plastic Pins:** Secure the assembly into pre-drilled holes on the PCB.
#### B. Heat Sink Geometry
* **Square Profile:** The 25mm footprint is ideal for small form-factor electronics or localized hotspots on a motherboard.
* **Height (30mm):** The relatively high profile (30mm) allows for a larger surface area, making it suitable for systems with vertical space but limited horizontal area.
#### C. Material Properties
* **Aluminum Construction:** Offers a balance of lightweight design and high thermal conductivity.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodized coating increases surface emissivity and provides corrosion resistance.
---
### 3. Application Use Cases
This part is commonly found in industrial and consumer electronics where active cooling (fans) or strong passive airflow is present:
1. **Telecommunications:** Networking switches and routers.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Voltage regulators and high-speed motor drivers.
---
### 4. Thermal Performance Overview
Thermal resistance indicates how efficiently the heat sink moves heat away from the source. For the **ATS-07F-75-C1-R0**:
* **Low Airflow:** At 100 LFM (Linear Feet per Minute), resistance is higher (approx. 1.9°C/W).
* **High Airflow:** At 500 LFM, resistance drops significantly (approx. 0.9°C/W), showing that this heat sink performs best in forced-convection environments.
- ⤷What are the PCB hole requirements for the pushPIN attachment?
- ⤷ Does this model come with pre-applied Thermal Interface Material?
- ⤷ What is the weight of the ATS-07F-75-C1-R0 for vibration sensitivity calculations?