ATS-07G-151-C2-R0
AI

The **ATS-07G-151-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS).
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, fin pattern, and material properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Attachment Type** | Push Pin |
| **Dimension (Length x Width)** | 35.00 mm x 35.00 mm |
| **Height** | 20.00 mm |
| **Pitch** | Fine Pitch (High density) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | ~3.93°C/W (at 200 LFM) |
---
## 2. Key Electronic Features
### A. pushPIN™ Attachment System
This component uses a specialized "push-pin" mechanism rather than traditional adhesive or clips.
* **Ease of Installation:** Uses pre-assembled springs and pins to provide a secure, vibration-resistant mount.
* **Compression Springs:** These ensure a specific amount of pressure (measured in grams) is applied to the chip to maximize heat transfer without cracking the die.
### B. Thermal Interface Material (TIM)
The "R0" suffix indicates that the part typically comes with a **pre-applied phase change material** or thermal tape. This eliminates the need for manual application of thermal paste during assembly.
### C. Fin Design
The **ATS-07G** series uses a "fine pitch" design.
* **High Surface Area:** The fins are packed closely together to provide maximum surface area for cooling.
* **Airflow Requirement:** Due to the density of the fins, this heat sink is designed for **forced air cooling** (using a fan) rather than natural convection.
---
## 3. Common Applications
This heat sink is designed for medium-power electronic components that generate significant heat in a small footprint:
1. **Processors/SoCs:** Cooling BGAs and ARM processors in embedded systems.
2. **Network Hardware:** Used on switches, routers, and telecommunication hardware.
3. **Power Supplies:** Cooling high-efficiency MOSFETs or voltage regulators.
4. **Graphics:** Auxiliary cooling for smaller GPU chipsets or memory controllers.
---
- ⤷What is the difference between 'C1' and 'C2' suffixes in ATS part numbers?
- ⤷ How do I calculate if the 3.93°C/W thermal resistance is sufficient for my 10W chip?
- ⤷ What are the hole diameter requirements for the push-pin mounting system?