전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-08B-210-C2-R0

  • AI
    The **ATS-08B-210-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like processors, ASICs, and FPGAs. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Part Number** | ATS-08B-210-C2-R0 | | **Material** | Aluminum (Al) | | **Finish** | Blue Anodized | | **Attachment Method** | Push Pin (Brass) with Compression Spring | | **Dimensions (L x W x H)** | 70mm x 70mm x 12.7mm | | **Fin Style** | Straight Fin | | **Thermal Resistance** | 5.18°C/W @ 100 LFM (Airflow) | --- ### 2. Key Components & Electronics Context This part is not an "electronic" component in the sense of having circuits, but it is a critical **mechanical-thermal** component for electronics. #### A. The Heat Sink Body * **Thermal Management:** It increases the surface area of a hot component (like a CPU), allowing heat to dissipate into the surrounding air via convection. * **Blue Anodized Coating:** This is not just for aesthetics; the anodization increases the emissivity of the surface, slightly improving heat radiation and protecting the aluminum from corrosion. #### B. The Push Pin Mounting System * **Attachment:** Instead of using messy thermal adhesives or tape, this part uses pre-assembled brass push pins. * **Mechanical Integrity:** The pins go through pre-drilled holes in the Printed Circuit Board (PCB). * **Spring Force:** Each pin has a compression spring that provides precise, uniform pressure across the "Thermal Interface Material" (TIM), ensuring maximum heat transfer from the chip to the sink. #### C. Thermal Interface Material (TIM) * The suffix **"R0"** usually indicates that the heat sink comes with a pre-applied high-performance thermal pad or phase-change material on the base, ensuring a low-resistance thermal path between the component and the heat sink. --- ### 3. Application Use Cases This specific heat sink is typically used in the following environments: * **Networking Hardware:** Switches, routers, and gateways. * **Industrial PCs:** Cooling high-wattage components in enclosed spaces. * **Power Supplies:** Managing heat for MOSFETs or power regulators.
    ✨ Follow-up Questions
    • ⤷ What are the alternative attachment methods to push pins for this size of heat sink?
    • ⤷ How does the airflow speed (LFM) affect the thermal resistance of the ATS-08B-210-C2-R0?
    • ⤷ Is this heat sink compatible with standard 70mm cooling fans?