전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-08D-53-C2-R0

  • AI
    The **ATS-08D-53-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of semiconductors like CPUs, GPUs, and FPGAs. --- ## 1. Technical Specifications The following table highlights the core physical and thermal properties of this component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions (L x W x H)** | 35mm x 35mm x 30mm | | **Fin Style** | Straight Fin | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance (Flowing)** | 1.15 °C/W @ 200 LFM | | **Thermal Resistance (Unducted)** | 8.57 °C/W @ Static Air | | **Thermal Interface Material** | T766 (Pre-applied) | --- ## 2. Key Electronic & Mechanical Parts ### A. The Heat Sink Body * **Material:** Constructed from high-grade aluminum for optimal thermal conductivity. * **Design:** The **straight fin** geometry allows for low pressure drop and is ideal for systems with high-velocity airflow. * **Finish:** The "Blue Anodized" finish provides corrosion resistance and improved emissivity. ### B. pushPIN™ Attachment System This is the mechanical sub-assembly used to secure the heat sink to the PCB (Printed Circuit Board). * **Push Pins:** Made of nylon or brass, these insert into standard holes on the PCB. * **Springs:** High-tension springs provide consistent pressure (interface force) to ensure the thermal interface material (TIM) performs correctly. ### C. Thermal Interface Material (TIM) The base comes pre-applied with **T766**. * **Function:** Fills microscopic air gaps between the electronic component (die) and the heat sink base. * **Benefit:** This specific material is designed for high-power density components, ensuring rapid heat transfer from the chip to the fins. --- ## 3. Applications in Electronics This part is commonly used in the following electronic sectors: 1. **Telecommunications:** Cooling of high-speed networking chips. 2. **Embedded Systems:** For industrial computers requiring stable thermal profiles. 3. **Power Electronics:** Managing heat in MOSFETs or voltage regulators.
    ✨ Follow-up Questions
    • ⤷ What are the airflow requirements to reach the 1.15 °C/W thermal resistance?
    • ⤷ Does this model support custom push-pin hole patterns?
    • ⤷ What is the weight of the ATS-08D-53-C2-R0 for vibration sensitivity analysis?