전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-08F-147-C3-R0

  • AI
    The **ATS-08F-147-C3-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for cooling electronic components such as processors, ASICs, and power modules. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of the part: | Characteristic | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions** | 35mm x 35mm x 10mm | | **Attachment Type** | pushPIN™ (Spring-loaded) | | **Fin Style** | Straight | | **Thermal Resistance** | 13.65 °C/W (@ 1.0 m/s) | | **Flow Orientation** | Vertical | --- ### 2. Key Component Features #### A. Attachment Mechanism (pushPIN™) This part utilizes a push-pin and brass spring assembly. This provides several advantages over traditional adhesive tapes: * **Constant Pressure:** Ensures a consistent interface between the heat sink and the electronic chip. * **Secure Fit:** Prevents the heat sink from shifting during vibration or shipping. * **Reusability:** Can be easily removed and reinstalled without damaging the PCB. #### B. Material and Coating * **Aluminum 6063:** Provides a high thermal conductivity-to-weight ratio. * **Blue Anodized Finish:** Not only provides a professional aesthetic but also adds a layer of corrosion resistance and slightly improves radiative heat transfer. #### C. Thermal Performance The "C3" in the part number indicates a specific thermal interface material (TIM) or hardware configuration. These heat sinks are designed to manage heat in "convection-limited" environments where airflow is present. --- ### 3. Application Use Cases Electronic designers select this part for: 1. **Networking Equipment:** Routers and switches with small form-factor processors. 2. **Embedded Systems:** Industrial PCs where height constraints (10mm) are tight. 3. **Power Supplies:** Cooling voltage regulators or MOSFETs. --- ### 4. Part Number Breakdown The nomenclature follows a specific logic: * **ATS:** Manufacturer (Advanced Thermal Solutions) * **08:** Series Number * **F:** Fin pitch/style * **147:** Dimension/Template code * **C3:** Performance/Hardware variant (specific spring/pin combination) * **R0:** RoHS Compliance status
    ✨ Follow-up Questions
    • ⤷What is the hole pattern required on the PCB for this heat sink?
    • ⤷ How does the 'C3' hardware variant differ from 'C1' or 'C2'?
    • ⤷ Can this heat sink be used with a thermal pad instead of the pre-applied TIM?