전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-08F-153-C2-R0

  • AI
    The **ATS-08F-153-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ## Technical Specifications The following table outlines the key physical and thermal characteristics of the part: | Characteristic | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Base Material** | Aluminum | | **Finish** | Blue Anodized | | **Thermal Resistance (LFM 100)** | 4.05 °C/W | | **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 10.00mm | | **Fin Style** | Fine Pitch (Cross-Cut) | | **Attachment Method** | Push-Pin (Spring Loaded) | --- ## Core Electronic Components ### 1. Thermal Interface Material (TIM) The part comes pre-applied with **T766**, a high-quality thermal phase-change material. This fills microscopic air gaps between the heat sink and the electronic component, ensuring maximum heat transfer efficiency. ### 2. Push-Pin Mounting System Instead of using adhesive tape (which can fail under high heat) or screws (which can over-tighten), this part uses a **brass push-pin with a stainless steel spring**. * **Uniform Pressure:** Ensures consistent contact across the entire die surface. * **Durability:** The spring mechanism compensates for thermal expansion and vibration. ### 3. Cross-Cut Fin Design The fin geometry is designed for **forced air convection**. The "fine pitch" cross-cut pattern allows air to flow from multiple directions, making it ideal for densely packed PCBs where airflow direction might be turbulent or inconsistent. --- ## Use Cases in Electronics * **Power Supplies:** Cooling MOSFETs and voltage regulators. * **Embedded Systems:** Dissipating heat from ARM-based processors. * **Telecommunications:** Cooling ASICs in networking switches and routers. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Blue Anodized' finish in thermal management?
    • ⤷ How do I calculate if the 4.05 °C/W thermal resistance is sufficient for my specific chip?
    • ⤷ What are the hole diameter requirements for the push-pin installation?