전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-08F-26-C2-R0

  • AI
    The **ATS-08F-26-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for securing cooling solutions to PCBs. --- ### 1. Technical Specifications Below are the primary technical parameters for this specific part: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) | | **Part Series** | pushPIN™ | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Brass) | | **Thermal Resistance** | 14.20°C/W (Unducted Flow @ 100 LFM) | | **Dimensions (L x W x H)** | 70mm x 70mm x 10mm | | **Pressure Spring** | Stainless Steel (Model: ATS-PPS-08) | --- ### 2. Design and Component Parts The part is engineered to dissipate heat from surface-mount components like CPUs, GPUs, or FPGAs. * **Heat Sink Body:** Features a "Fine Pitch" design. The fins are optimized for high airflow environments to maximize surface area while maintaining a low profile (10mm height). * **Push-Pin Mechanism:** Uses a brass pin with a stainless steel spring. This provides a precise "engagement force" which ensures the heat sink stays in contact with the chip without damaging the PCB. * **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. T766 is a high-performance thermal phase-change material that fills microscopic air gaps between the component and the heat sink. --- ### 3. Thermal Performance Data Performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM): | Velocity (LFM) | Velocity (m/s) | Thermal Resistance (Unducted) | | :--- | :--- | :--- | | 100 | 0.5 | 14.20 °C/W | | 300 | 1.5 | 3.65 °C/W | | 500 | 2.5 | 2.10 °C/W | --- ### 4. Part Number Breakdown The nomenclature `ATS-08F-26-C2-R0` can be decoded as follows: * **ATS**: Manufacturer (Advanced Thermal Solutions). * **08**: Unique series identifier. * **F**: Fin pitch/type (Fine). * **26**: Dimensional code. * **C2**: Color/Finish code (Blue Anodized). * **R0**: Revision or packaging code. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between ducted and unducted thermal resistance?
    • ⤷ How do I calculate the required push-pin hole size on my PCB for this model?
    • ⤷ Are there alternative Thermal Interface Materials available for this heat sink?