전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-10B-79-C2-R0

  • AI
    The **ATS-10B-79-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series of high-performance heat sinks designed for telecommunications, networking, and high-speed electronics. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Part Number** | ATS-10B-79-C2-R0 | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions** | 45mm x 45mm x 30mm | | **Thermal Resistance** | 2.63 °C/W (at 200 LFM) | | **Airflow Direction** | Horizontal / Open fin design | --- ### 2. Key Electronic & Physical Characteristics #### A. Fin Geometry (maxiFLOW™) The "79" in the part number refers to a specific fin pattern. The maxiFLOW design features a flared-fin geometry which: * Reduces pressure drop across the heat sink. * Increases the surface area to maximize heat dissipation into the surrounding air. * Is optimized for environments where airflow may be irregular. #### B. Thermal Interface Material (TIM) The **C2** designation typically indicates that the heat sink comes pre-applied with a high-performance Thermal Interface Material (often a phase-change material or high-conductivity grease). This ensures a low-resistance thermal path between the electronic component (CPU, FPGA, or ASIC) and the aluminum base. #### C. pushPIN™ Mounting System The **10B** series utilizes the pushPIN™ attachment mechanism. Unlike simple adhesive tapes, this mechanical system: * Provides consistent pressure (clamping force) to ensure optimal thermal contact. * Includes a built-in spring to prevent over-tightening or damage to the PCB. * Allows for easy installation and removal for maintenance. --- ### 3. Applications This part is commonly used to cool high-heat-generating components such as: 1. **ASICs and FPGAs:** Used in network switches and routers. 2. **Processors:** Embedded CPUs in industrial computers. 3. **Power Electronics:** Voltage regulators and high-power transistors. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between blue anodized and black anodized finishes for heat sinks?
    • ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
    • ⤷ Can the pushPIN mounting be adjusted for different PCB thicknesses?