전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-10D-101-C3-R0

  • AI
    The **ATS-10D-101-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, and other integrated circuits. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics. | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Spring Type** | Compression Spring | | **Thermal Resistance** | ~6.75°C/W (at 200 LFM) | | **Dimensions (L x W x H)** | 45mm x 45mm x 30mm | | **Thermal Interface (TIM)** | T766 (Pre-applied) | --- ## 2. Key Components & Design Features ### A. Fin Geometry (Straight Fin) The "D" in the part number indicates a **straight-fin** design. This is ideal for systems with consistent, unidirectional airflow. The fins increase the surface area available for heat dissipation. ### B. Push-Pin Attachment The unit utilizes a mechanical attachment system rather than adhesive tape. * **Plastic Push-Pins:** These provide a secure, vibration-resistant mount. * **Compression Springs:** They ensure consistent pressure (Normal Force) between the heat sink base and the chip, which is critical for efficient heat transfer. ### C. Thermal Interface Material (TIM) The part comes pre-applied with **T766**, a high-performance thermal grease. This eliminates the need for manual application and ensures that microscopic air gaps between the component and the heat sink are filled. --- ## 3. Physical Dimensions Breakdown Below is a representation of the spatial footprint of this component: ```text 45.00mm (Width) ___________________ | | | [ Fins Area ] | 45.00mm (Length) | | |___________________| Height: 30.00mm (Vertical clearance required) ``` --- ## 4. Application Use-Cases This specific heat sink is typically used for: * **BGA (Ball Grid Array) Components:** High-heat processors. * **Telecommunications Equipment:** Networking switches and routers. * **Industrial Power Supplies:** Where mechanical stability (vibration resistance) is required. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between straight-fin and cross-cut heat sinks?
    • ⤷ How do I calculate the correct hole diameter for the push-pin mounting?
    • ⤷ Can the T766 thermal interface be replaced with a different material?