전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-10D-142-C2-R0

  • AI
    The **ATS-10D-142-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) to prevent overheating. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by ATS to describe its physical and thermal characteristics. | Specification | Detail | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum (with Blue Anodized Finish) | | **Base Dimensions** | 30.00mm x 30.00mm | | **Height** | 15.00mm | | **Attachment Type** | Push-Pin (Plastic or Brass) | | **Thermal Resistance** | Approx. 10.02°C/W (at 100 LFM) | | **Airflow Pattern** | Straight Fin | --- ### 2. Key Electronic Components & Design The functionality of this part is centered around three main electronic engineering concepts: #### A. Fin Geometry (The "142" Series) This specific model uses a **straight-fin design**. In electronic cooling, straight fins are ideal for high-velocity, uni-directional airflow (usually provided by a system fan). This geometry ensures a low pressure drop while maximizing the surface area exposed to the air. #### B. The pushPIN™ Attachment Mechanism Unlike traditional adhesive tapes (which can act as thermal insulators), the `pushPIN™` system uses a pre-drilled hole pattern on the PCB. * **Pressure:** It applies precise, consistent pressure to the processor. * **Thermal Interface Material (TIM):** It typically comes with a pre-applied high-performance thermal interface to ensure minimal air gaps between the chip and the heat sink. #### C. Material Science The use of **Aluminum** is standard for electronic parts due to its high thermal conductivity and light weight. The **Blue Anodized** coating is not just aesthetic; it provides: * Corrosion resistance. * Enhanced surface emissivity (slight improvement in radiative cooling). * Electrical insulation to prevent short circuits if it touches surrounding components. --- ### 3. Application Use Cases This component is typically found in the following electronic systems: 1. **Telecommunications:** Cooling small-form-factor networking chips. 2. **Embedded Systems:** For industrial PCs where space is limited but heat density is high. 3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators. ---
    ✨ Follow-up Questions
    • ⤷ What is the hole pattern spacing required for the push-pin installation?
    • ⤷ How does the thermal resistance of this part change with different airflow speeds (LFM)?
    • ⤷ Are there alternative finishes available for this heat sink model?