전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-10F-59-C2-R0

  • AI
    The **ATS-10F-59-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics: | Feature | Specification | Detail | | :--- | :--- | :--- | | **Part Number** | ATS-10F-59-C2-R0 | Standard Product Series | | **Material** | Aluminum | Lightweight with high thermal conductivity | | **Fin Style** | Straight Fin | Optimized for high-velocity airflow | | **Attachment Method** | pushPIN™ | Spring-loaded plastic/brass pins | | **Thermal Resistance** | ~7.90° C/W | Measured at 200 LFM (linear feet per minute) | | **Surface Finish** | Blue Anodized | Increases surface area and prevents corrosion | | **Dimensions** | 40mm x 40mm x 20mm | Standard square footprint | --- ### 2. Key Electronic Components The assembly consists of three primary mechanical/electronic-support parts: 1. **The Heat Sink Body:** A blue-anodized aluminum block with "Straight Fins." This design allows air to pass through easily, transferring heat from the base (which touches the chip) to the surrounding environment. 2. **The Thermal Interface Material (TIM):** This part usually comes pre-applied with **T766** (a high-performance thermal phase-change material). It fills microscopic air gaps between the heat sink and the electronic component to maximize heat transfer. 3. **The pushPIN™ Mechanism:** A high-tension spring system that ensures "Constant Pressure." In electronics, consistent pressure is vital because it prevents the heat sink from shifting and maintains a thin, efficient bond line with the silicon die. --- ### 3. Application Use Cases This specific model is typically found in: * **Networking Hardware:** Routers, switches, and base stations. * **Embedded Systems:** Industrial PCs and automation controllers. * **Power Supplies:** Cooling MOSFETs and voltage regulators. --- ### 4. Selection Criteria (Engineering Note) When integrating this part into a PCB design, engineers must account for the **Pressure Drop**. Because the fins are straight, this heat sink is best used in "Forced Convection" environments where a fan is actively pushing air through the fins.
    ✨ Follow-up Questions
    • ⤷ What is the thermal conductivity of the T766 phase-change material used in this part?
    • ⤷ How does the pushPIN™ attachment compare to adhesive thermal tapes?
    • ⤷ What are the specific hole diameter requirements for the PCB mounting?