전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ATS-12F-29-C2-R0

  • AI
    The **ATS-12F-29-C2-R0** is a high-performance electronic thermal management component. Specifically, it is an **Advanced Thermal Solutions (ATS)** push-pin heat sink designed for cooling integrated circuits (ICs) and other electronic components. Below is a detailed breakdown of its specifications and features. --- ### 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Thermal Resistance** | 7.57°C/W @ 100 LFM | | **Footprint (L x W)** | 45.00mm x 45.00mm | | **Height** | 20.00mm | | **Fin Style** | Straight Fin | --- ### 2. Breakdown of the Part Number The part number follows a specific nomenclature used by ATS to describe the physical and thermal characteristics: * **ATS-12**: Refers to the product series (Push-Pin Heat Sink). * **F**: Likely indicates the fin density or specific thermal profile. * **29**: Dimensional code for the footprint (45mm x 45mm). * **C2**: Indicates the specific thermal interface material (TIM) or surface treatment. * **R0**: Version/Revision or RoHS compliance indicator. --- ### 3. Key Electronic Functions While the heat sink itself is a passive mechanical part, its role in an electronic system is critical: * **Heat Dissipation:** It increases the surface area of the component (CPU, GPU, or FPGA), allowing the ambient air to carry away heat more efficiently. * **Thermal Interface Material (TIM):** This part usually comes with a pre-applied **T766 phase change material**, which fills microscopic air gaps between the component and the heat sink to ensure maximum heat transfer. * **Push-Pin Mounting:** Unlike adhesive-based heat sinks, this uses a spring-loaded push-pin mechanism. This provides constant pressure (even load) across the chip, which prevents the heat sink from shifting during vibration or thermal expansion. --- ### 4. Application Use Cases * **High-Speed Networking:** Cooling for routers and switches. * **Processors:** Cooling for high-end microcontrollers or small CPUs. * **Industrial Controls:** Components that operate in high-temperature environments where passive cooling is required.
    ✨ Follow-up Questions
    • ⤷ What are the different thermal interface materials available for this series?
    • ⤷ How do I calculate the required LFM (Linear Feet per Minute) for my specific chip?
    • ⤷ What is the weight of the ATS-12F-29-C2-R0?